Electronic Components Datasheet Search
  English  ▼

X  

MJ3000 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # MJ3000
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

MJ3000 Datasheet(HTML) 2 Page - Savantic, Inc.

  MJ3000 Datasheet HTML 1Page - Savantic, Inc. MJ3000 Datasheet HTML 2Page - Savantic, Inc. MJ3000 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
MJ3000/3001
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
MJ3000
60
V(BR)CEO
Collector-emitter
breakdown voltage
MJ3001
IC=0.1A ;IB=0
80
V
VCE(sat)-1
Collector-emitter saturation voltage
IC=5A; IB=20mA
2.0
V
VCE(sat)-2
Collector-emitter saturation voltage
IC=10A; IB=50mA
4.0
V
VBE
Base-emitter on voltage
IC=5A ; VCE=3V
3.0
V
MJ3000
VCE=60V; RBE=1.0k?
TC=150
1.0
5.0
ICER
Collector cut-off current
MJ3001
VCE=80V; RBE=1.0k?
TC=150
1.0
5.0
mA
MJ3000
VCE=30V; IB=0
ICEO
Collector cut-off current
MJ3001
VCE=40V; IB=0
1.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
2.0
mA
hFE
DC current gain
IC=5A ; VCE=3V
1000
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
1.17
/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com