Electronic Components Datasheet Search
  English  ▼

X  

EM77565 Datasheet(PDF) 18 Page - ELAN Microelectronics Corp

Part # EM77565
Description  ADPCM WITH PCM CODEC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77565 Datasheet(HTML) 18 Page - ELAN Microelectronics Corp

Back Button EM77565 Datasheet HTML 14Page - ELAN Microelectronics Corp EM77565 Datasheet HTML 15Page - ELAN Microelectronics Corp EM77565 Datasheet HTML 16Page - ELAN Microelectronics Corp EM77565 Datasheet HTML 17Page - ELAN Microelectronics Corp EM77565 Datasheet HTML 18Page - ELAN Microelectronics Corp EM77565 Datasheet HTML 19Page - ELAN Microelectronics Corp EM77565 Datasheet HTML 20Page - ELAN Microelectronics Corp EM77565 Datasheet HTML 21Page - ELAN Microelectronics Corp EM77565 Datasheet HTML 22Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image







 

# $      
'( 36"(±<5!*3!*34(=+34 64°,
 

 



 
5& 6
5&#
5&$#7$7$
424<
8)
6424<
501
 F0)
 G 
4#
4&$#
*

39
#01
!-)
-:'
-:'

9

#01
& 6(&
&(&
5&$#4&$#
*

;
<
"!

%



-
!

%



-
!-)=%>

-:'




!-)!


4&$# -:'
-:' 4&$#






-
-!  #7





-
0 %!  #7
 




-
(  (/?

  




-
( (%/?

  




-
--& 6

--&$#

−−
)39
501
& 6(& --
(
--&$#
3

@
<
--"A%!
 
 
-!
0 %!






-
(! --"
%

--&$# --"



-
* . 1+ 1?A5A5A"A%2




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com