Electronic Components Datasheet Search
  English  ▼

X  

3D6701 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3D6701
Description  MONOLITHIC CLOCK SYNCHRONIZER (SERIES 3D6701)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D6701 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D6701 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D6701 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D6701 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D6701 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3D6701
Doc #14015
DATA DELAY DEVICES, INC.
2
6/9/2014
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
THEORY OF OPERATION
The 3D6701 clock synchronizer architecture is
shown in Figure 2. The FIN input is assumed to
come from a stable clock source, such as a
crystal oscillator. A rising edge on the GIN input
initiates the phase detection process. Once the
phase of the clock with respect to the gate has
been resolved, a delay line is adjusted to match
the phases of the two signals.
There is a finite resolution to the phase detection
process (typically under 500ps), so that, from one
gate trigger to the next, there will remain some
residual gate-to-output jitter. However, for a given
gate, the jitter from one clock cycle to the next is
equal to the jitter of the reference clock itself.
The 3D6701 also contains a programmable
divider that reduces the output frequency by an
amount given by the D7:0 inputs. FOUT is given by
FIN / (D+1), so that the output frequency may
range from FIN (D=0) to FIN / 256 (D=255). When
GIN returns low, the output returns to a low level
and remains there until the next rising edge of
GIN.
The performance of CMOS integrated circuits is
strongly dependent on power supply stability. It is
essential that the power supply pins be
adequately bypassed and filtered. In addition, the
power bus should be of as low an impedance
construction as possible. Power planes are
preferred.
When operating at 3.3V, tie the SEL input to
GND. When operating at 5.0V, tie the SEL
input to VDD.
DEVICE SPECIFICATIONS
TABLE 1: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VDD
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Input Pin Current
IIN
-1.0
1.0
mA
25C
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
Phase
Resolver
Programmable
Delay Line
8-Bit
Divider
FOUT
GIN
FIN
D7:0
Figure 2: 3D6701 Functional Block Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com