Electronic Components Datasheet Search
  English  ▼

X  

3D3702 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3D3702
Description  MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D3702)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3702 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D3702 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3702 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3702 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3702 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3D3702
APPLICATION NOTES
OPERATIONAL DESCRIPTION
The 3D3702 delay line oscillator architecture is
shown in Figure 1. The internal delay line is
composed of a number of delay cells connected
in series and is compensated for thermal and
supply voltage variations. A low-going edge on
the EN input starts the oscillator, with the O2
output responding immediately. The O1 output is
delayed by ½ cycle. The response of the output
when the oscillator is disabled depends on the
status of O2 when the EN signal goes high, as
shown in Figure 2. If O2 is low, it will remain low,
and the final pulse on O1 will be ½ of the period.
If O2 is high, it will go low as soon as EN goes
high, and the final pulse on both outputs will have
a width smaller than ½ the period.
Temp & Vdd
Compensation
Figure 1: 3D3702 Functional Diagram
Delay Line
EN
VDD
GND
O1
O2
EN
O1
O2
Figure 2: 3D3702 Timing Diagrams
EN
O1
O2
6ns typ
6ns typ
6ns typ
Doc #06027
DATA DELAY DEVICES, INC.
2
12/5/2006
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com