Electronic Components Datasheet Search
  English  ▼

X  

CBRLD1 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CBRLD1
Description  SURFACE MOUNT LOW PROFILE SILICON BRIDGE RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CBRLD1 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CBRLD1 Datasheet HTML 1Page - Central Semiconductor Corp CBRLD1 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CBRLD1 SERIES
SURFACE MOUNT
LOW PROFILE
SILICON BRIDGE RECTIFIER
1 AMP, 200 THRU 1000 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CBRLD1 series
is a full wave silicon bridge rectifier mounted in a low
profile epoxy surface mount molded case, utilizing
glass passivated chips.
MARKING: SEE MARKING CODE TABLE ON
FOLLOWING PAGE
FEATURES:
• Low leakage current (10μA MAX @ VRRM)
• Low profile case (1.45mm MAX)
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CBRLD1
SYMBOL
-02
-04
-06
-08
-10
UNITS
Peak Repetitive Reverse Voltage
VRRM
200
400
600
800
1000
V
DC Blocking Voltage
VR
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
140
280
420
560
700
V
Average Forward Current
IO
1.0
A
Peak Forward Surge Current (tp=8.3ms)
IFSM
30
A
Operating & Storage Junction Temperature
TJ, Tstg
-55 to +150
°C
Thermal Resistance
ΘJA
95
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=VRRM
10
μA
VF
IF=1.0A
1.0
V
CJ
VR=4.0V, f=1.0MHz
10
pF
APPLICATIONS:
• Solid State Lighting (SSL)
• Power supply input rectification
• Steering diode array
• Device is Halogen Free by design
LPDIP CASE
R1 (18-March 2012)
www.centr a lsemi.com


Similar Part No. - CBRLD1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBRLD1-02 CENTRAL-CBRLD1-02 Datasheet
527Kb / 2P
SURFACE MOUNT LOW PROFILE SILICON BRIDGE RECTIFIER
CBRLD1-02 CENTRAL-CBRLD1-02_15 Datasheet
527Kb / 2P
SURFACE MOUNT LOW PROFILE SILICON BRIDGE RECTIFIER
CBRLD1-04 CENTRAL-CBRLD1-04 Datasheet
527Kb / 2P
SURFACE MOUNT LOW PROFILE SILICON BRIDGE RECTIFIER
CBRLD1-06 CENTRAL-CBRLD1-06 Datasheet
527Kb / 2P
SURFACE MOUNT LOW PROFILE SILICON BRIDGE RECTIFIER
CBRLD1-08 CENTRAL-CBRLD1-08 Datasheet
527Kb / 2P
SURFACE MOUNT LOW PROFILE SILICON BRIDGE RECTIFIER
More results

Similar Description - CBRLD1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS220-12B CENTRAL-CS220-12B Datasheet
83Kb / 2P
SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS
1N4383 CENTRAL-1N4383 Datasheet
60Kb / 1P
1.0 AMP RECTIFIER 200 THRU 1000 VOLTS
CBR50-020P CENTRAL-CBR50-020P Datasheet
86Kb / 2P
50 AMP SILICON BRIDGE RECTIFIER 200 thru 1000 VOLTS
CMMR1 CENTRAL-CMMR1 Datasheet
72Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1.0 AMP, 200 THRU 1000 VOLTS
CMMR1 CENTRAL-CMMR1_10 Datasheet
280Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CMMR1F-02 CENTRAL-CMMR1F-02 Datasheet
281Kb / 2P
SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 600 VOLTS
CMR1-02 CENTRAL-CMR1-02_10 Datasheet
295Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CMR1F-02M CENTRAL-CMR1F-02M_10 Datasheet
284Kb / 2P
SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CMSH1-40HE CENTRAL-CMSH1-40HE Datasheet
284Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 40 THRU 200 VOLTS
CMMR1F-02 CENTRAL-CMMR1F-02_12 Datasheet
284Kb / 2P
SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 800 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com