Electronic Components Datasheet Search
  English  ▼

X  

BAV45 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BAV45
Description  SILICON PICOAMPERE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BAV45 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BAV45 Datasheet HTML 1Page - Central Semiconductor Corp BAV45 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAV45
SILICON
PICOAMPERE DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BAV45 is a silicon
picoampere diode, mounted in a hermetically sealed
metal case, designed for extremely low leakage
applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
35
V
Continuous Reverse Voltage
VR
20
V
Continuous Forward Current
IF
50
mA
Peak Repetitive Forward Current
IFRM
100
mA
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +125
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=5.0V
5.0
pA
IR
VR=5.0V, TA=80°C
250
pA
IR
VR=20V
10
pA
VF
IF=10mA
1.0
V
CJ
VR=0, f=1.0MHz
1.3
pF
trr
IF=IR=10mA, Irr=1.0mA, RL=100Ω
600
ns
TO-18 (2-LEAD) CASE
R1 (1-May 2013)
www.centr a lsemi.com


Similar Part No. - BAV45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV45 PHILIPS-BAV45 Datasheet
38Kb / 6P
Picoampere diode
1996 Mar 13
logo
New Jersey Semi-Conduct...
BAV45 NJSEMI-BAV45 Datasheet
71Kb / 2P
Picoampere diode
logo
Central Semiconductor C...
BAV45 CENTRAL-BAV45_15 Datasheet
568Kb / 2P
SILICON PICOAMPERE DIODE
More results

Similar Description - BAV45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV45 PHILIPS-BAV45 Datasheet
38Kb / 6P
Picoampere diode
1996 Mar 13
logo
Analog Devices
AD705 AD-AD705 Datasheet
451Kb / 8P
Picoampere Input Current Bipolar Op Amp
REV.B
AD706 AD-AD706 Datasheet
246Kb / 8P
Dual Picoampere Input Current Bipolar Op Amp
REV.C
logo
Central Semiconductor C...
CPD65 CENTRAL-CPD65 Datasheet
211Kb / 2P
Low Leakage Diode Picoampere Diode Chip
logo
Analog Devices
OP497GSZ AD-OP497GSZ Datasheet
322Kb / 16P
Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
AD706JRZ-REEL7 AD-AD706JRZ-REEL7 Datasheet
230Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
logo
New Jersey Semi-Conduct...
BAV45 NJSEMI-BAV45 Datasheet
71Kb / 2P
Picoampere diode
logo
Analog Devices
AD704 AD-AD704_15 Datasheet
267Kb / 16P
Picoampere Input Current Quad Bipolar Op Amp
Rev. E
logo
Central Semiconductor C...
BAV45 CENTRAL-BAV45_15 Datasheet
568Kb / 2P
SILICON PICOAMPERE DIODE
logo
Analog Devices
OP497 AD-OP497_17 Datasheet
283Kb / 17P
Precision Picoampere Input Current Quad Operational Amplifier
2/09-Rev. D to Rev. E
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com