Electronic Components Datasheet Search
  English  ▼

X  

GS37 Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # GS37
Description  Surge Absorbers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

GS37 Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  GS37 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD GS37 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
Surge Absorbers
GS37 Series
500A
1 Application:
Fast Delivery Time
·For instantaneous over-voltage protection to ADSL,ISDN,MODEM,FAX,TEL,Power Supplies,Alarm systems.
·For instantaneous over-voltage protection to RS485,RS232 port, CATV,video transceiver.
·For instantaneous over-voltage protection to ammeter,water meter auto admin system, etc
2 Features
·Small capacitance and excellent insulation resistance(100MΩ min).
·Small size,No polarity.No dark effect.
·Low electrode capacitance(1pF max).
·Quick response for electrostatic,surge voltage and low limiting voltage.
·Stable for repeated discharge test conditions.
·Operating temperature: -40℃ ~ +85℃. Storage temperature: -40℃ ~ +125℃.
3 Electrical Characteristics
Part Number
DC Spark-Over Voltage
Vs(V)
Nominal value(min-max)
Insulation Resistance
Capacitance
of electrostatic
Surge
current
capacity 8/20us
Surge Life
Test voltage
IR (MΩ)
1KHz-6V(PF)
GS37-141N
140V
(98V-182V)
DC100V
>1000MΩ
1PF(MAX)
500A
10/700us
4KV
10times
GS37-181N
180V
(144V-216V)
GS37-201M
200V
(160V-240V)
GS37-251M
250V
(200V-300V)
GS37-301M
300V
(240V-360V)
GS37-401M
400V
(320V-480V)
GS37-471M
470V (400V-560V)
GS37-501M
500V
(400V-600V)
DC250V
>1000MΩ
4 Dimension:
Model Series
①
②
③
④
GS37
φ2.0±0.3
φ4.0±0.3
28.4±0.5
Φ0.5±0.1
1
Revised:February 25,2014
www.huaandz.com


Similar Part No. - GS37

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
GS37-102M HUAXINAN-GS37-102M Datasheet
318Kb / 6P
Surge Absorbers
logo
SUNMATE electronic Co.,...
GS37-141N SUNMATE-GS37-141N Datasheet
882Kb / 2P
AXIAL LEADED GLASS TUBE
logo
HuaXinAn Electronics CO...
GS37-141N HUAXINAN-GS37-141N Datasheet
318Kb / 6P
Surge Absorbers
GS37-141N HUAXINAN-GS37-141N_V01 Datasheet
318Kb / 6P
Surge Absorbers
logo
SUNMATE electronic Co.,...
GS37-181M SUNMATE-GS37-181M Datasheet
882Kb / 2P
AXIAL LEADED GLASS TUBE
More results

Similar Description - GS37

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SA05CT52A301N KOA-SA05CT52A301N Datasheet
360Kb / 2P
surge absorbers
logo
HuaXinAn Electronics CO...
SMB HUAXINAN-SMB Datasheet
193Kb / 2P
Surge Absorbers
GSS HUAXINAN-GSS Datasheet
145Kb / 2P
Surge Absorbers
GSE HUAXINAN-GSE Datasheet
144Kb / 2P
Surge Absorbers
GS41 HUAXINAN-GS41 Datasheet
166Kb / 2P
Surge Absorbers
JSE-141N-2040 HUAXINAN-JSE-141N-2040 Datasheet
511Kb / 5P
Surge Absorbers
JSE-141N-3167 HUAXINAN-JSE-141N-3167 Datasheet
599Kb / 6P
Surge Absorbers
YP-141N HUAXINAN-YP-141N Datasheet
318Kb / 6P
Surge Absorbers
YS-141N HUAXINAN-YS-141N Datasheet
340Kb / 6P
Surge Absorbers
GS37-141N HUAXINAN-GS37-141N_V01 Datasheet
318Kb / 6P
Surge Absorbers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com