Electronic Components Datasheet Search
  English  ▼

X  

S18LB Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # S18LB
Description  SIDACtor Protection Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

S18LB Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  S18LB Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD S18LB Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD S18LB Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD S18LB Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD S18LB Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD S18LB Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
(SIDACtor Protection Thyristors )
Electrical Characteristics
Part Number
VDRM
@IDRM=5μA
VS
@100V/
μs
IH
IS
IT
VT
@IT=2.2Amps
Capacitance
@1MHz,2V bias
V min
V max
mA min
mA max
A max
Vmax
pF
S11LA
90
130
150
800
2.2
5
30
S13LA
120
160
150
800
2.2
5
30
S15LA
140
180
150
800
2.2
5
30
S18LA
170
220
150
800
2.2
5
30
S23LA
190
260
150
800
2.2
5
30
S26LA
220
300
150
800
2.2
5
30
S31LA
275
350
150
800
2.2
5
30
S35LA
320
400
150
800
2.2
5
30
S11LB
90
130
150
800
2.2
5
30
S13LB
120
160
150
800
2.2
5
30
S15LB
140
180
150
800
2.2
5
30
S18LB
170
220
150
800
2.2
5
30
S23LB
190
260
150
800
2.2
5
30
S26LB
220
300
150
800
2.2
5
30
S31LB
275
350
150
800
2.2
5
30
S35LB
320
400
150
800
2.2
5
30
Notes:
-All measurements are made at an ambient temperature of 25°C .Ipp applies to -40°C through +85°C temperature
range .
-Off-state capacitance(Co) is typical value.
*For surge ratings,see next page.
2
Revised:February 25,2014
www.huaandz.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com