Electronic Components Datasheet Search
  English  ▼

X  

AD9760ARRL Datasheet(PDF) 2 Page - Analog Devices

Part # AD9760ARRL
Description  10-Bit, 125 MSPS TxDAC짰 D/A Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9760ARRL Datasheet(HTML) 2 Page - Analog Devices

  AD9760ARRL Datasheet HTML 1Page - Analog Devices AD9760ARRL Datasheet HTML 2Page - Analog Devices AD9760ARRL Datasheet HTML 3Page - Analog Devices AD9760ARRL Datasheet HTML 4Page - Analog Devices AD9760ARRL Datasheet HTML 5Page - Analog Devices AD9760ARRL Datasheet HTML 6Page - Analog Devices AD9760ARRL Datasheet HTML 7Page - Analog Devices AD9760ARRL Datasheet HTML 8Page - Analog Devices AD9760ARRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
DC SPECIFICATIONS
Parameter
Min
Typ
Max
Units
RESOLUTION
10
Bits
DC ACCURACY
1
Integral Linearity Error (INL)
–1.0
±0.5
+1.0
LSB
Differential Nonlinearity (DNL)
–0.5
±0.25
+0.5
LSB
MONOTONICITY
Guaranteed Over Specified Temperature Range
ANALOG OUTPUT
Offset Error
–0.025
+0.025
% of FSR
Gain Error (Without Internal Reference)
–10
±2
+10
% of FSR
Gain Error (With Internal Reference)
–10
±1
+10
% of FSR
Full-Scale Output Current
2
2.0
20.0
mA
Output Compliance Range
–1.0
1.25
V
Output Resistance
100
k
Ω
Output Capacitance
5
pF
REFERENCE OUTPUT
Reference Voltage
1.08
1.20
1.32
V
Reference Output Current
3
100
nA
REFERENCE INPUT
Input Compliance Range
0.1
1.25
V
Reference Input Resistance
1
M
Ω
Small Signal Bandwidth (w/o CCOMP1)
4
1.4
MHz
TEMPERATURE COEFFICIENTS
Offset Drift
0
ppm of FSR/
°C
Gain Drift (Without Internal Reference)
±50
ppm of FSR/
°C
Gain Drift (With Internal Reference)
±100
ppm of FSR/
°C
Reference Voltage Drift
±50
ppm/
°C
POWER SUPPLY
Supply Voltages
AVDD5
2.7
5.0
5.5
V
DVDD
2.7
5.0
5.5
V
Analog Supply Current (IAVDD)25
30
mA
Digital Supply Current (IDVDD)
6
35
mA
Supply Current Sleep Mode (IAVDD)
8.5
mA
Power Dissipation
6 (5 V, I
OUTFS = 20 mA)
140
175
mW
Power Dissipation7 (5 V, IOUTFS = 20 mA)
190
mW
Power Dissipation
7 (3 V, I
OUTFS = 2 mA)
45
mW
Power Supply Rejection Ratio—AVDD
–0.04
+0.04
% of FSR/V
Power Supply Rejection Ratio—DVDD
–0.025
+0.025
% of FSR/V
OPERATING RANGE
–40
+85
°C
NOTES
1Measured at I
OUTA, driving a virtual ground.
2Nominal full-scale current, I
OUTFS, is 32
× the IREF current.
3Use an external buffer amplifier to drive any external load.
4Reference bandwidth is a function of external cap at COMP1 pin and signal level. Refer to Figure 41.
5For operation below 3 V, it is recommended that the output current be reduced to 12 mA or less to maintain optimum performance.
6Measured at f
CLOCK = 50 MSPS and fOUT = 1.0 MHz.
7Measured as unbuffered voltage output into 50
Ω RLOAD at IOUTA and IOUTB, fCLOCK = 100 MSPS and fOUT = 40 MHz.
Specifications subject to change without notice.
(TMIN to TMAX , AVDD = +5 V, DVDD = +5 V, IOUTFS = 20 mA, unless otherwise noted)
–2–
REV. B
AD9760/AD9760-50–SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com