Electronic Components Datasheet Search
  English  ▼

X  

ADM705 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM705
Description  Low Cost Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM705 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM705 Datasheet HTML 4Page - Analog Devices ADM705 Datasheet HTML 5Page - Analog Devices ADM705 Datasheet HTML 6Page - Analog Devices ADM705 Datasheet HTML 7Page - Analog Devices ADM705 Datasheet HTML 8Page - Analog Devices ADM705 Datasheet HTML 9Page - Analog Devices ADM705 Datasheet HTML 10Page - Analog Devices ADM705 Datasheet HTML 11Page - Analog Devices ADM705 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM705/ADM706/ADM707/ADM708
Rev. G | Page 10 of 12
APPLICATIONS INFORMATION
A typical application circuit is shown in Figure 18. The
unregulated dc input supply is monitored using PFI via the
resistive divider network. Resistor R1 and Resistor R2 should
be selected so that when the supply voltage drops below the
desired level (such as 8 V), the voltage on PFI drops below
the 1.25 V threshold, thereby generating an interrupt to the
microprocessor. Monitoring the preregulator input provides
additional time to execute an orderly shutdown procedure
before power is lost.
7V TO 15V
INPUT POWER
MICROPROCESSOR
5V
VCC
R1
R2
1.25V
PFI
PFO
ADP3367
–
+
RESET
ADM705/ADM706/
ADM707/ADM708
Figure 18. Typical Application Circuit
Microprocessor activity is monitored using WDI. This is driven
using an output line from the processor. The software routines
should toggle this line at least once every 1.60 seconds. If a
problem occurs and this line is not toggled, WDO goes low and
a nonmaskable interrupt is generated. This interrupt routine can be
used to clear the problem.
If, in the event of inactivity on the WDI line, a system reset
is required, WDO should be connected to MR, as shown in
Figure 19.
ADM705/
ADM706
RESET
GND
I/O LINE
MICROPROCESSOR
MR
WDI
WDO
RESET
Figure 19. RESET From WDO
MONITORING ADDITIONAL SUPPLY LEVELS
It is possible to use the power-fail comparator to monitor a
second supply as shown in Figure 20. The two sensing resistors,
R1 and R2, are selected so that the voltage on PFI drops below
1.25 V at the minimum acceptable input supply. PFO can be
connected to MR so that a reset is generated when the supply
drops out of tolerance. In this case, if either supply drops out
of tolerance, a reset is generated.
ADM705/
ADM706
RESET
GND
MR
PFI
PFO
RESET
VCC
R1
R2
VX
5V
MICROPROCESSOR
Figure 20. Monitoring 5 V and an Additional Supply, VX
MICROPROCESSOR WITH BIDIRECTIONAL RESET
To prevent contention for microprocessors with a bidirectional
reset line, a current limiting resistor should be inserted between
the ADM70x RESET output pin and the microprocessor RESET
pin. This limits the current to a safe level if there are conflicting
output reset levels. A suitable resistor value is 4.7 kΩ. If the reset
output is required for other uses, it should be buffered, as shown in
Figure 21.
ADM70x
RESET
GND
RESET
GND
BUFFERED
RESET
5V
VCC
MICROPROCESSOR
Figure 21. Bidirectional Input/Output RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com