Electronic Components Datasheet Search
  English  ▼

X  

ADS5542IPAPR Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS5542IPAPR
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5542IPAPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS5542IPAPR Datasheet HTML 16Page - Texas Instruments ADS5542IPAPR Datasheet HTML 17Page - Texas Instruments ADS5542IPAPR Datasheet HTML 18Page - Texas Instruments ADS5542IPAPR Datasheet HTML 19Page - Texas Instruments ADS5542IPAPR Datasheet HTML 20Page - Texas Instruments ADS5542IPAPR Datasheet HTML 21Page - Texas Instruments ADS5542IPAPR Datasheet HTML 22Page - Texas Instruments ADS5542IPAPR Datasheet HTML 23Page - Texas Instruments ADS5542IPAPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
INPUT CONFIGURATION
R
3
R
1a
L
1
L
2
R
1b
C
1a
C
1b
C
A
CP
1
CP
3
VINCM
1V
CP
4
CP
2
INP
INM
S3a
S3b
S2
S1a
S1b
L1, L2: 6 nH − 10 nH effective
R1a, R1b: 5W − 8W
C1a, C1b: 2.2 pF − 2.6 pF
CP1, CP2: 2.5 pF − 3.5 pF
CP3, CP4: 1.2 pF − 1.8 pF
CA: 0.8 pF − 1.2 pF
R3: 80 W − 120 W
Swithches: S1a, S1b: On Resistance: 35 W − 50 W
S2: On Resistance: 7.5 W − 15 W
S3a, S3b: On Resistance: 40 W − 60 W
All switches OFF Resistance: 10 GW
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
The ADS5542 is a low-power, 14-bit, 80 MSPS, CMOS, switched capacitor, pipeline ADC that operates from a
single 3.3-V supply. The conversion process is initiated by a falling edge of the external input clock. Once the
signal is captured by the input S&H, the input sample is sequentially converted by a series of small resolution
stages, with the outputs combined in a digital correction logic block. Both the rising and the falling clock edges
are used to propagate the sample through the pipeline every half clock cycle. This process results in a
datalatency of 17.5 clock cycles, after which the output data is available as a 14-bit parallel word, coded in either
straight offset binary or binary two's complement format.
The analog input for the ADS5542 consists of a differential sample-and-hold architecture implemented using the
switched capacitor technique shown in Figure 37.
A.
All Switches are ON in sampling phase which is approximately one half of a clock period.
Figure 37. Analog Input Stage
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com