Electronic Components Datasheet Search
  English  ▼

X  

MADRCC0004 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MADRCC0004
Description  Quad Driver for GaAs FET Switches and Attenuators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADRCC0004 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MADRCC0004 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADRCC0004 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADRCC0004 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Quad Driver for GaAs FET Switches and Attenuators
Rev. V3
MADRCC0004
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• High Speed CMOS Technology
• Complementary Outputs
• Positive Voltage Control
• Low Power Dissipation
• Plastic SOIC Package for SMT Applications
• Tape and Reel Packaging Available
• Lead-Free SOIC-16 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of DR65-0001
Description
M/A-COM's MADRCC0004 is a Quad channel
driver used to translate TTL control inputs into gate
voltages for GaAs FET microwave switches and
attenuators. High speed analog CMOS technology is
utilized to achieve low power dissipation at moderate
to high speeds, encompassing most microwave
switching applications.
Ordering Information
Part Number
Package
MADRCC0004
Bulk Packaging
MADRCC0004TR
1000 piece reel
Note: Reference Application Note M513 for reel size
information.
Logic Diagram
Pin Configuration
Pin No.
Function
Pin No.
Function
1
A3
9
C2
2
B3
10
C1
3
A4
11
GND
4
B4
12
GND
5
VEE
13
A1
6
VCC
14
B1
7
C4
15
A2
8
C3
16
B2
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Cx
Ax
Bx
Symbol
Parameter
1
Unit
Min
Typical
Max
VCC
Positive DC Supply Voltage
V
4.5
5.0
5.5
VEE
Negative DC Supply Voltage
V
-5.5
-5.0
-4.5
TA
Operating Ambient Temperature
°C
-40
+25
+85
IOH
DC Output Current - HIGH
mA
—
—
-1.0
IOL
DC Output Current - LOW
mA
—
—
1.0
Trise, Tfall
Maximum Input Rise or Fall Time
nS
—
—
500
Guaranteed Operating Ranges
1. All voltages are relative to GND.


Similar Part No. - MADRCC0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADRCC0004 MACOM-MADRCC0004 Datasheet
428Kb / 3P
Quad Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
MADRCC0004 MA-COM-MADRCC0004 Datasheet
68Kb / 3P
Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004 Datasheet
569Kb / 4P
Quad Driver for GaAs FET Switches and Attenuators
logo
Tyco Electronics
MADRCC0004TR MACOM-MADRCC0004TR Datasheet
428Kb / 3P
Quad Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
MADRCC0004TR MA-COM-MADRCC0004TR Datasheet
68Kb / 3P
Quad Driver for GaAs FET Switches and Attenuators
More results

Similar Description - MADRCC0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DR65-0001 MACOM-DR65-0001 Datasheet
217Kb / 2P
Quad Driver for GaAs FET Switches and Attenuators
SWD-119 MACOM-SWD-119 Datasheet
151Kb / 4P
Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MACOM-MADRCC0004 Datasheet
428Kb / 3P
Quad Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
DR65-0001 MA-COM-DR65-0001 Datasheet
68Kb / 3P
Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004 Datasheet
68Kb / 3P
Quad Driver for GaAs FET Switches and Attenuators
MADRCC0007 MA-COM-MADRCC0007 Datasheet
81Kb / 4P
Quad Driver for GaAs FET Switches and Attenuators
SWD-119-PIN MA-COM-SWD-119-PIN Datasheet
80Kb / 4P
Quad Driver for GaAs FET Switches and Attenuators
MADRCC0007 MA-COM-MADRCC0007 Datasheet
81Kb / 4P
Quad Driver for GaAs FET Switches and Attenuators
MADRCC0007 MA-COM-MADRCC0007_15 Datasheet
608Kb / 5P
Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004_15 Datasheet
569Kb / 4P
Quad Driver for GaAs FET Switches and Attenuators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com