Electronic Components Datasheet Search
  English  ▼

X  

ALS3333NF100 Datasheet(PDF) 3 Page - Kemet Corporation

Part # ALS3333NF100
Description  Screw Terminal Aluminum Electrolytic Capacitors ALS30/31 Series, 85째C
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS3333NF100 Datasheet(HTML) 3 Page - Kemet Corporation

  ALS3333NF100 Datasheet HTML 1Page - Kemet Corporation ALS3333NF100 Datasheet HTML 2Page - Kemet Corporation ALS3333NF100 Datasheet HTML 3Page - Kemet Corporation ALS3333NF100 Datasheet HTML 4Page - Kemet Corporation ALS3333NF100 Datasheet HTML 5Page - Kemet Corporation ALS3333NF100 Datasheet HTML 6Page - Kemet Corporation ALS3333NF100 Datasheet HTML 7Page - Kemet Corporation ALS3333NF100 Datasheet HTML 8Page - Kemet Corporation ALS3333NF100 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4031_ALS30_31 • 4/3/2014
Screw Terminal Aluminum Electrolytic Capacitors – ALS30/31 Series, +85°C
Test Method & Performance
Endurance Life Test
Conditions
Performance
Temperature
+85°C
Test Duration
5,000 hours
Ripple Current
Rated ripple current specified in table
Voltage
The sum of DC voltage and the peak AC voltage must not exceed the rated voltage of the capacitor
Performance
The following specifications will be satisfied when the capacitor is tested at +20°C:
Capacitance Change
≤ 160 V
Within 15% of the initial value
> 160 V
Within 10% of the initial value
Equivalent Series Resistance
Does not exceed 200% of the initial value
Leakage Current
Does not exceed leakage current limit
Dimensions – Millimeters
Size Code
Dimensions in mm
Mounting
Clip
Weight
Grams
D
L
LT
S
V
Mounting Stud
(M x H)
±1
±2
±1
±0.5
Nominal
±1
DA
36
52
58.5
12.8
8
M8 x 12
V3/H2/UTE2736
75
DB
36
62
67.5
12.8
8
M8 x 12
V3/H2/UTE2736
90
DE
36
82
87.5
12.8
8
M8 x 12
V3/H2/UTE2736
115
DF
36
105
111.5
12.8
8
M8 x 12
V3/H2/UTE2736
140
KE
51
82
86.5
22.2
13.7
M12 x 16
V4/UTE2737
220
KF
51
105
110.5
22.2
13.7
M12 x 16
V4/UTE2737
300
MF
66
105
110.5
28.5
15.8
M12 x 16
V10/UTE2738
505
ND
77
75
79.5
31.8
19
M12 x 16
V11
495
NF
77
105
110.5
31.8
19
M12 x 16
V11
690
NP
77
146
150.5
31.8
19
M12 x 16
V11
960
NT
77
220
224.5
31.8
19
M12 x 16
V11
1450
QC
90
67
71.5
31.8
25
M12 x 16
V90
615
QD
90
75
79.5
31.8
25
M12 x 16
V90
690
QH
90
98
103.5
31.8
25
M12 x 16
V90
900
QP
90
146
149.5
31.8
25
M12 x 16
V90
1345
QT
90
220
223.5
31.8
25
M12 x 16
V90
2000
Note: Dimensions include sleeving. LT listed is for A-type termination code. Information for other termination codes is available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com