Electronic Components Datasheet Search
  English  ▼

X  

AP78L05 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP78L05
Description  AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L05 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP78L05 Datasheet HTML 5Page - Diodes Incorporated AP78L05 Datasheet HTML 6Page - Diodes Incorporated AP78L05 Datasheet HTML 7Page - Diodes Incorporated AP78L05 Datasheet HTML 8Page - Diodes Incorporated AP78L05 Datasheet HTML 9Page - Diodes Incorporated AP78L05 Datasheet HTML 10Page - Diodes Incorporated AP78L05 Datasheet HTML 11Page - Diodes Incorporated AP78L05 Datasheet HTML 12Page - Diodes Incorporated AP78L05 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AP78L05/08/12
AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78L05/08/12
Document number: DS31054 Rev. 10 - 2
9 of 16
www.diodes.com
March 2012
© Diodes Incorporated
Typical Performance Characteristics
For AP78L08
510
15
20
25
30
INPUT-OUTPUT DIFFERENTIAL (V)
Peak Output Current
300
250
200
150
100
50
0
10
15
20
25
30
INPUT VOLTAGE (V)
Quiescent Current
2.80
2.71
2.62
2.75
2.67
-25
0
25
50
75
125
JUNCTION TEMPERATURE (°C)
Quiescent Current
100
3.2
3.1
2.9
2.8
2.5
2.4
3.0
2.7
2.6
V
= 14V
V
= 8V
I
= 40mA
IN
OUT
OUT
-25
0
25
50
75
125
JUNCTION TEMPERATURE (°C)
Dropout Voltage
100
2.5
1.5
0.0
2.0
1.0
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com