Electronic Components Datasheet Search
  English  ▼

X  

AP78L12 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP78L12
Description  AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L12 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP78L12 Datasheet HTML 1Page - Diodes Incorporated AP78L12 Datasheet HTML 2Page - Diodes Incorporated AP78L12 Datasheet HTML 3Page - Diodes Incorporated AP78L12 Datasheet HTML 4Page - Diodes Incorporated AP78L12 Datasheet HTML 5Page - Diodes Incorporated AP78L12 Datasheet HTML 6Page - Diodes Incorporated AP78L12 Datasheet HTML 7Page - Diodes Incorporated AP78L12 Datasheet HTML 8Page - Diodes Incorporated AP78L12 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AP78L05/08/12
AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78L05/08/12
Document number: DS31054 Rev. 10 - 2
1 of 16
www.diodes.com
March 2012
© Diodes Incorporated
Description
The AP78LXX Series is a three terminal positive regulator
available with fixed output voltages from 5V, 8V and 12V,
making them useful in a wide range of applications. When
used as a Zener diode/resistor combination replacement, the
AP78LXX can improve output impedance by two orders of
magnitude, and lower quiescent current. These regulators
can provide
local on card regulation, eliminating
the
distribution problems associated with single point regulation.
The voltages available allow the AP78LXX's to be used in
logic systems. Instrumentation, HiFi and other solid state
electronic equipment.
The AP78LXX is available in the plastic TO92, SOT89 and
SO-8 using industrial standard package technology. The
regulator can deliver 100mA output current with adequate
heat sinking. Current limiting is included to limit the peak
output current to a safe value. Safe area protection for the
output
transistors
is
provided
to
limit
internal
power
dissipation. Thermal overload protection is integrated to
prevent the IC from overheat due to abnormal condition.
Features
•
Output voltages of 5.0V, 8.0V, 12V
•
Output voltage tolerances of
±5% over the operating
temperature ranges
•
Output current in excess of 100mA
•
Internal thermal overload protection
•
Output transistor safe area protection
•
Internal short circuit current limiting
•
No external components
•
Available in plastic TO92, SOT89 and plastic SO-8 low
profile packages
•
Lead Free Package: TO92 (Note 1)
•
SO-8 and SOT89: Available in “Green” Molding
Compound (No Br, Sb) (Note 2)
•
Lead Free Finish / RoHS Compliant (Note 3)
Pin Assignments
GND
V
OUT
V
IN
TO92
(Bottom View)
SO-8
(Top View)
V
IN
GND
GND
NC
GND
GND
V
OUT
NC
8
7
6
5
1
2
3
4
GND
(Top View)
12
3
SOT89
V
OUT
V
IN
Applications
•
Communication
•
CD-ROM
•
DVD-Player
•
Set-Top Box
Notes:
1. TO92 is available in “Lead Free” product only.
2. SO-8 and SOT89 are available in “Green” products only.
3. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2). All applicable RoHS exemptions applied.


Similar Part No. - AP78L12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP78L12 DIODES-AP78L12 Datasheet
261Kb / 9P
12V OUTPUT 3-TERMINAL POSITIVE REGULATORS
AP78L12 Rev. 1
AP78L12 DIODES-AP78L12 Datasheet
284Kb / 15P
AP78LXX SERIES 3-TERMINAL POSITIVE
AP78L05/08/12 Rev. 9
AP78L12S DIODES-AP78L12S Datasheet
261Kb / 9P
12V OUTPUT 3-TERMINAL POSITIVE REGULATORS
AP78L12 Rev. 1
AP78L12SG-13 DIODES-AP78L12SG-13 Datasheet
261Kb / 9P
12V OUTPUT 3-TERMINAL POSITIVE REGULATORS
AP78L12 Rev. 1
AP78L12SG-A DIODES-AP78L12SG-A Datasheet
261Kb / 9P
12V OUTPUT 3-TERMINAL POSITIVE REGULATORS
AP78L12 Rev. 1
More results

Similar Description - AP78L12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
3-Terminal Positive Regulators
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
3-Terminal Positive Regulators
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
Series 3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
3-Terminal Positive Regulators
LM340 NSC-LM340 Datasheet
920Kb / 17P
3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
3-Terminal Positive Regulators
logo
Diodes Incorporated
AP78L05 DIODES-AP78L05_09 Datasheet
284Kb / 15P
AP78LXX SERIES 3-TERMINAL POSITIVE
AP78L05/08/12 Rev. 9
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
3-Terminal Positive Regulators
logo
Diodes Incorporated
AP78LXX DIODES-AP78LXX_12 Datasheet
305Kb / 16P
AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
Rev 10
AP78L12YG-13 DIODES-AP78L12YG-13 Datasheet
305Kb / 16P
AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com