Electronic Components Datasheet Search
  English  ▼

X  

EM83702 Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM83702
Description  ALL IN ONE MOUSE CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83702 Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM83702 Datasheet HTML 2Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 3Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 4Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 5Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 6Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 7Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 8Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 9Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
EM83702
ALL IN ONE MOUSE CONTROLLER
6
* This specification are subject to be changed without notice.
4.15.1996
AC ELECTRICAL CHARACTERISTICS (T
A=0°C to 70°C)
Parameters
Sym.
Min.
Typ.
Max.
Unit
Key debounce
Tkd
-
13
-
ms
Transmission time
mouse
(1200)
Tms
-
41.1
-
ms
Transmission time
microsoft (1200)
Tmx
-
24.7
-
ms
Start bit time
(1200)
Ts
-
0.85
-
ms
Data bit time
(1200)
Td
-
0.82
-
ms
Stop bit time
(1200)
Tp
-
0.82
-
ms
Mode code delay time
(1200)
Trd
11.9
-
14
ms
Rising edge crossed width
Tr
15
-
-
us
Falling edge crossed width
Tf
15
-
-
us
17.0 K
16.0 K
15.0 K
14.0 K
13.0 K
12.0 K
11.0 K
10.0 K
9.0 K
8.0 K
7.0 K
6.0 K
5.0 K
4.0 K
3.0 K
2.0 K
1.0 K
0
10.0M
1.0
2.0
3.0
4.0
5.0
VOLTS (LIN)
MAX.
TYP.
MIN.
R
X1,X2,Y1,Y2 INPUT IMPEDANCE
Output:
RXD pin
Input:
X1, X2, Y1, Y2, pin
RTS pin
Other pin
AC TIMING TEST POINT :
VRTS-2.4V
VSS+0.8V
1.3V
0.7V
2VDD
VSS
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com