Electronic Components Datasheet Search
  English  ▼

X  

BAW101 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAW101
Description  High voltage double diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAW101 Datasheet(HTML) 5 Page - NXP Semiconductors

  BAW101 Datasheet HTML 1Page - NXP Semiconductors BAW101 Datasheet HTML 2Page - NXP Semiconductors BAW101 Datasheet HTML 3Page - NXP Semiconductors BAW101 Datasheet HTML 4Page - NXP Semiconductors BAW101 Datasheet HTML 5Page - NXP Semiconductors BAW101 Datasheet HTML 6Page - NXP Semiconductors BAW101 Datasheet HTML 7Page - NXP Semiconductors BAW101 Datasheet HTML 8Page - NXP Semiconductors BAW101 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2003 May 13
5
NXP Semiconductors
Product data sheet
High voltage double diode
BAW101
handbook, full pagewidth
MBG703
10
tp (µs)
1
IFSM
(A)
102
10−1
104
102
103
10
1
Fig.4 Maximum permissible non-repetitive peak forward current as a function of pulse duration.
Based on square wave currents.
Tj = 25 °C prior to surge.
handbook, halfpage
200
100
50
0
150
102
10
1
10−1
10−2
MLE058
(1)
(2)
Tj (°C)
IR
(
µA)
Fig.5
Reverse current as a function of junction
temperature.
(1) VR = VRMAX: maximum values.
(2) VR = VRMAX: typical values.
handbook, halfpage
02
10
0.6
0.5
0.3
0.2
0.4
4
VR (V)
Cd
(pF)
68
MLE059
Fig.6
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj = 25 °C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com