Electronic Components Datasheet Search
  English  ▼

X  

BC327 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC327
Description  45 V, 500 mA PNP general-purpose transistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC327 Datasheet(HTML) 3 Page - NXP Semiconductors

  BC327 Datasheet HTML 1Page - NXP Semiconductors BC327 Datasheet HTML 2Page - NXP Semiconductors BC327 Datasheet HTML 3Page - NXP Semiconductors BC327 Datasheet HTML 4Page - NXP Semiconductors BC327 Datasheet HTML 5Page - NXP Semiconductors BC327 Datasheet HTML 6Page - NXP Semiconductors BC327 Datasheet HTML 7Page - NXP Semiconductors BC327 Datasheet HTML 8Page - NXP Semiconductors BC327 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
BC807_BC807W_BC327_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
3 of 19
NXP Semiconductors
BC807; BC807W; BC327
45 V, 500 mA PNP general-purpose transistors
3.
Ordering information
[1]
Valid for all available selection groups.
[2]
Also available in SOT54A and SOT54 variant packages (see Section 2 and Section 9).
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Table 4.
Ordering information
Type number[1]
Package
Name
Description
Version
BC807
-
plastic surface mounted package; 3 leads
SOT23
BC807W
SC-70
plastic surface mounted package; 3 leads
SOT323
BC327[2]
SC-43A
plastic single-ended leaded (through hole) package;
3 leads
SOT54
Table 5.
Marking codes
Type number
Marking code[1]
BC807
5D*
BC807-16
5A*
BC807-25
5B*
BC807-40
5C*
BC807W
5D*
BC807-16W
5A*
BC807-25W
5B*
BC807-40W
5C*
BC327
C327
BC327-16
C32716
BC327-25
C32725
BC327-40
C32740



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com