Electronic Components Datasheet Search
  English  ▼

X  

EM84502AP Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM84502AP
Description  PS/2 MOUSE ENCODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84502AP Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM84502AP Datasheet HTML 1Page - ELAN Microelectronics Corp EM84502AP Datasheet HTML 2Page - ELAN Microelectronics Corp EM84502AP Datasheet HTML 3Page - ELAN Microelectronics Corp EM84502AP Datasheet HTML 4Page - ELAN Microelectronics Corp EM84502AP Datasheet HTML 5Page - ELAN Microelectronics Corp EM84502AP Datasheet HTML 6Page - ELAN Microelectronics Corp EM84502AP Datasheet HTML 7Page - ELAN Microelectronics Corp EM84502AP Datasheet HTML 8Page - ELAN Microelectronics Corp EM84502AP Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EM84502
PS/2 MOUSE CONTROLLER
1
* This specification are subject to be changed without notice.
6.18.1998
EM84502
PS/2 MOUSE CONTROLLER
GENERAL DESCRIPTION
The EM84502 Mouse Controller is specially designed to control PS/2 mouse device.This single chip can
interface three key-switches and four photo-couples direct to 8042. EM84502 can receive command and echo
status or data format which are compatible with IBM PS/2 mode mouse. Key debouncing circuit is provided
to prevent false entry and improve the accuracy.
In the conventional mouse, a great number of noises are generated when the grid is partially closed or opened.
These noise are usually mistaken for movement signals by conventional mouse controller and the cursor of the
dispaly screen is thus moved frequently up and down or back and forth. This will consumes a great amount of
energy.The EM84502 PS/2 mouse controller provides noise immunity circuits to eliminate these noise
in order to reduce energy consumption.
FEATURES
• Being compatiable with PS/2 mouse mode.
• Built-in noise immunity circuit.
• Low power dissipation.
• RC oscillation.
• Three key-switches and four photo-couples inputs.
• Both key-press and key-release debounce interval 12 ms.
• Through three key-switches input, EM84502 can exert seven different output.
• The motion detector of the EM84502 could sense 8 m/sec maximun with 200 DPI wheels.
APPLICATIONS
• Optical mouse or pen-mouse.
• Mechanical mouse or pen-mouse.
• Optomechanical mouse or pen-mouse.
• Mechanical track ball.
• Optomechanical track ball.
PIN ASSIGNMENT
* (Under developed)
VDD
OP
NC
NC
OSC.OUT
CLK
DATA
VSS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OSCR
Y2
Y1
X2
X1
L
M
R
EM84502BP
VDD
OP
NC
NC
OSC.OUT
CLK
DATA
VSS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OSCR
Y2
Y1
X2
X1
L
M
R
EM84502BM*
VDD
OP
OSC.OUT
CLK
DATA
VSS
R
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OSCR
Y2
Y1
X2
X1
L
M
EM84502AP
VDD
OP
OSC.OUT
CLK
DATA
VSS
R
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OSCR
Y2
Y1
X2
X1
L
M
EM84502AM


Similar Part No. - EM84502AP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
PS/2 SCROLLING MOUSE CONTROLLER
EM84510AP EMC-EM84510AP Datasheet
108Kb / 19P
PS/2 SCROLLING MOUSE CONTROLLER
EM84510BP EMC-EM84510BP Datasheet
108Kb / 19P
PS/2 SCROLLING MOUSE CONTROLLER
EM84510CP EMC-EM84510CP Datasheet
108Kb / 19P
PS/2 SCROLLING MOUSE CONTROLLER
EM84510DP EMC-EM84510DP Datasheet
108Kb / 19P
PS/2 SCROLLING MOUSE CONTROLLER
More results

Similar Description - EM84502AP

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
PS / 2 Mouse Controller
logo
ELAN Microelectronics C...
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
PS/2 SCROLLING MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
PS/2 Mouse Controller
March 6, 2003
logo
Silan Microelectronics ...
SC84510 SILAN-SC84510 Datasheet
177Kb / 17P
PS/2 SCROLLING MOUSE CONTROLIER
logo
List of Unclassifed Man...
GL603USB ETC-GL603USB Datasheet
373Kb / 41P
USB PS/2 MOUSE MICROCONTROLLER
logo
Unisonic Technologies
UT84520 UTC-UT84520 Datasheet
135Kb / 13P
PS/2 SCROLLING MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
PS/2 MOUSE CONTROLLER
logo
Zilog, Inc.
Z86319 ZILOG-Z86319 Datasheet
278Kb / 23P
PS/2 MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
USB & PS/2 Mouse Controller
logo
Pixart Imaging Inc.
PAW3401 PIXART-PAW3401 Datasheet
619Kb / 17P
PS/2 OPTICAL MOUSE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com