Electronic Components Datasheet Search
  English  ▼

X  

EM84510 Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM84510
Description  PS/2 SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84510 Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM84510 Datasheet HTML 5Page - ELAN Microelectronics Corp EM84510 Datasheet HTML 6Page - ELAN Microelectronics Corp EM84510 Datasheet HTML 7Page - ELAN Microelectronics Corp EM84510 Datasheet HTML 8Page - ELAN Microelectronics Corp EM84510 Datasheet HTML 9Page - ELAN Microelectronics Corp EM84510 Datasheet HTML 10Page - ELAN Microelectronics Corp EM84510 Datasheet HTML 11Page - ELAN Microelectronics Corp EM84510 Datasheet HTML 12Page - ELAN Microelectronics Corp EM84510 Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
EM84510
PS/2 SCROLLING MOUSE CONTROLLER
9
* This specification are subject to be changed without notice.
5.30.2001
Value
Rate per second
1
2.7
2
6.4
3
9.2
4
12.8
515
618
720
(c) Voltage-sensing mode : There are 7 voltage levels in Z1, Z2 input. The transmission table is the same as
key-switches mode. The relationship between the value of Z-axis counter and the voltage as folllows :
Value
Voltage
01V
1
1.0V-1.6V
2
1.6V-2.2V
3
2.2V-2.8V
4
2.8V-3.4V
5
3.4V-4.0V
6
4.0V-4.6V
7
4.6V
Under V
DD=5V condition.
(d) Mechanical mode : The function is the same as photo couples input mode, except there is no noise
immunity.
Z/1 : 1 dot per count.
Z/2 : 2 dot per count. Counted by Z2 changing phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com