Electronic Components Datasheet Search
  English  ▼

X  

ICM7243BlPLZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # ICM7243BlPLZ
Description  8-Character, Microprocessor-Compatible, LED Display Decoder Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7243BlPLZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ICM7243BlPLZ Datasheet HTML 8Page - Intersil Corporation ICM7243BlPLZ Datasheet HTML 9Page - Intersil Corporation ICM7243BlPLZ Datasheet HTML 10Page - Intersil Corporation ICM7243BlPLZ Datasheet HTML 11Page - Intersil Corporation ICM7243BlPLZ Datasheet HTML 12Page - Intersil Corporation ICM7243BlPLZ Datasheet HTML 13Page - Intersil Corporation ICM7243BlPLZ Datasheet HTML 14Page - Intersil Corporation ICM7243BlPLZ Datasheet HTML 15Page - Intersil Corporation ICM7243BlPLZ Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
FN3162.4
March 4, 2010
FIGURE 12. ICM7243B 14-SEGMENT CHARACTER FONT WITH DECIMAL POINT
FIGURE 13. SEGMENT AND CHARACTER DRIVERS OUTPUT CIRCUIT
Display Font and Segment Assignments (Continued)
00
01
D5, D410
11
D3
0000000011111111
D2
0000111100001111
D1
0011001100110011
D0
0101010101010101
NOTE: Segments a and d appear as 2 segments each, but both halves are driven together.
g1
g2
k
ml
f
e
b
c
a1
hj
i
a2
d2
d1
g1
g2
k
m
f
e
b
c
hj
i
a
d1
DP
l
d
VDD
SEGMENT
DRIVER
R
CHARACTER
DRIVER
RDS(ON) ~ 4ÞΩ
VSS
CHAR N
SEGMENT LEDs
SEG x
DISPLAY
VLED = 1.6V
RTYPICAL = 100µ
ICM7243
ICM7243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com