Electronic Components Datasheet Search
  English  ▼

X  

LM7805 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # LM7805
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

LM7805 Datasheet(HTML) 1 Page - Continental Device India Limited

  LM7805 Datasheet HTML 1Page - Continental Device India Limited LM7805 Datasheet HTML 2Page - Continental Device India Limited LM7805 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3-TERMINAL POSITIVE VOLTAGE REGULATOR
LM7805
TO-220
Plastic Package
The Voltages Available allow these Regulators to be used in Logic Systems, Instrumentation, Hi-Fi Audio
Circuits and other Solid State Electronic Equipment
ABSOLUTE MAXIMUM RATINGS
UNIT
V
W
W
ºC
ºC
ºC
ELECTRICAL CHARACTERISTICS (Tj=25ºC unless specified otherwise)
VI=10V, IO=500mA
DESCRIPTION
SYMBOL
MIN
TYP
MAX
UNIT
Output Voltage
VO
Tj=25ºC
4.80
5.20
V
IO=5mA ~ 1A
VI=7V ~ 20V, P< 15W
Line Regulation
REGV
VI=7.0 ~ 25V
Tj=25ºC
100
mV
VI=8.0 ~ 12V
50
mV
Ripple Rejection
RR
VI=8.0 ~ 18V, f=120Hz
Tj=0 ~ 125ºC
62
dB
Load Regulation
REGL
IO=5mA ~ 1.5A
Tj=25ºC
100
mV
IO=250mA ~ 750mA
50
mV
Output Resistance
RO
f=1KHz
Tj=0 ~ 125ºC
0.017
Ω
Output Voltage Drift
∆V
O/∆T
IO=5mA
Tj=0 ~ 125ºC
- 1.1
mV/ºC
Output Noise Voltage
VNO
f=10Hz ~ 100KHz
Tj=25ºC
40
µV
Dropout Voltage
Vd
IO=1A
Tj=25ºC
2.0
V
Quiescent Current
IQ
Tj=25ºC
8.0
mA
Quiescent Current Change
∆I
Q
VI=7.0 ~ 25V
Tj=0 ~ 125ºC
1.3
mA
IO=5mA ~ 1A
0.5
mA
Short Circuit Output Current
ISC
Tj=25ºC
750
mA
Peak Output Current
IPK
Tj=25ºC
2.2
A
LM7805Rev_1 180805E
TEST CONDITION
V
Tj=0 ~ 125ºC
4.75
5.25
Storage Temperature Range
Tstg
- 65 to +150
Lead Temperature 1.6mm (1/16 inch)
from Case for 10 seconds
TL
260
Continuous Total Dissipation at Tc=25ºC
case Temperature
PD
15
Operating free-air, case, or Virtual
Junction Temperature Range
TOPR
0 to 150
DESCRIPTION
SYMBOL
VALUE
Input Voltage
VIN
35
Continuous Total Dissipation at Ta=25ºC
free air Temperature
PD
2.0
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - LM7805

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7805 FAIRCHILD-LM7805 Datasheet
225Kb / 28P
3-Terminal 1A Positive Voltage Regulator
logo
List of Unclassifed Man...
LM7805 ETC-LM7805 Datasheet
175Kb / 6P
1.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7805 FAIRCHILD-LM7805 Datasheet
516Kb / 28P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7805 FAIRCHILD-LM7805 Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
logo
First Components Intern...
LM7805 FCI-LM7805 Datasheet
621Kb / 8P
LM7800 Series 3-Terminal fixed Voltage Regulators
More results

Similar Description - LM7805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M09 SECOS-SJ78M09 Datasheet
85Kb / 2P
3-Terminal Positive Voltage Regulator
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Continental Device Indi...
LM7818 CDIL-LM7818 Datasheet
75Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com