Electronic Components Datasheet Search
  English  ▼

X  

LM78L05 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # LM78L05
Description  VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

LM78L05 Datasheet(HTML) 1 Page - Continental Device India Limited

  LM78L05 Datasheet HTML 1Page - Continental Device India Limited LM78L05 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE REGULATOR
LM78L05
TO-92
pin 1.Output
Plastic Package
2.Ground
3.Input
The Voltages Available allow these Regulators to be used in Logic Systems, Instrumentation, Hi-Fi Audio
Circuits and other Solid State Electronic Equipment
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
UNIT
Input Voltage
V
Power Dissipation
mW
Junction to Ambient in free air
ºC
Storage Temperature Range
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Output Voltage
VI=10V, IO=40mA
4.80
5.20
V
IO=1mA to 40mA, 0ºC to 125ºC
4.75
5.25
V
VI=7V to 20V, 0ºC to 125ºC
4.75
5.25
V
Ripple Rejection
RR
VI=8V to 18V, f=120Hz
41
dB
VI=7V to 20V, IO=40mA
150
mV
VI=8 to 20V
100
mV
Load Regulation
IO=1mA to 100mA, VI=10V
60
mV
IO=1mA to 40mA
30
mV
Output Noise Voltage
VNO
f=10Hz to 100KHz
42
µV
Dropout Voltage
VDIF (min)
VI =10V, IO=40mA
1.7
V
Quiescent Current
VI =10V, IO=40mA, Ta=25ºC
6.0
mA
VI =10V, IO=40mA , Ta=125ºC
5.5
mA
Quiescent Current Change
∆I
QIN
VI=8V to 20V, IO=40mA,
Ta=0ºC to 125ºC
1.5
mA
∆I
QL
IO=1mA to 40mA, VI=10V
Ta=0ºC to 125ºC
0.1
mA
LM78L05Rev041004E
Line Regulation
RBGIN
VALUE
30
625
- 55 to +150
Tstg
- 20 to +80
SYMBOL
PD
Tamb
VIN
VO
RBGL
IQ
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - LM78L05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
3-Terminal Positive Regulators
logo
HTC Korea TAEJIN Techno...
LM78L05 HTC-LM78L05 Datasheet
252Kb / 11P
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
LM78L05 FCI-LM78L05 Datasheet
386Kb / 6P
3-Terminal Low Current Positive Voltage Regulators
logo
Guangdong Kexin Industr...
LM78L05 KEXIN-LM78L05 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
logo
Shenzhen Jin Yu Semicon...
LM78L05 HTSEMI-LM78L05 Datasheet
820Kb / 2P
Three-terminal positive voltage regulator
More results

Similar Description - LM78L05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC10XX ETC-SC10XX Datasheet
166Kb / 9P
VOLTAGE REGULATOR
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274 Datasheet
217Kb / 12P
Voltage Regulator
Rev. 2.1, 2004-01-01
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
VOLTAGE REGULATOR
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
VOLTAGE REGULATOR
R200LD10 ETL-R200LD10 Datasheet
394Kb / 8P
VOLTAGE REGULATOR
logo
Texas Instruments
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
Voltage Regulator
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com