Electronic Components Datasheet Search
  English  ▼

X  

EM84520DP Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM84520DP
Description  2-IN-ONE SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84520DP Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM84520DP Datasheet HTML 1Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 2Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 3Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 4Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 5Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 6Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 7Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 8Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
EM84520
2-IN-ONE SCROLLING MOUSE CONTROLLER
3
* This specification are subject to be changed without notice.
6.28.1999
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
FUNCTION DESCRIPTIONS
(I) Serial Scrolling Mouse :
In Microsoft mode, the transmission cycle consists of four bytes in one report. Each byte contains one start
bit, 7 data bits and two stop bits. The first byte contains "L", "R" key status and four bits of the two most
significant bits in horizontal counter and vertical counter. The second byte represents the value accumulated
by horizontal counter, the third byte is the data of the vertical counter. The last byte contains "M" key status
and Z-axis value. The vertical data is transmitted in 2's complement.
Output byte arrange
Bit no.
......
654321
0
1st byte
......
1
L
R
V7'
V6'
H7
H6
2nd byte
....
0
H5
H4
H3
H2
H1
H0
3rd byte
....
0
V5'
V4'
V3'
V2'
V1'
V0'
4th byte
....
0
0
M
Z3
Z2
Z1
Z0
Plug & Play ID code
When RTS input from low to high, EM84520 will send a string ID code. Customer can specify the contains
of the code area and the total lenth below 100 bytes by changing the code layer.
Field Name
Length
Field Data
Description
Other ID
<17
4D, 5A, 40, 00, 00, 00
ID for legacy
Begin ID
1
08
Begin PnP ID
PnP Revision
2
01, 24
Version 1.00
EISA ID
3
25, 2D, 23
EMC
Product ID
4
10, 10, 10, 11
0001
Serial Number
9
3C
None provided
Class ID
<34
3C, 2D, 2F, 35, 33, 25
Mouse Class
Driver ID
<42
3C, 30, 2E, 30, 10 26, 10, 21
PnP0F0A
User Name
<42
3C, 25, 2D, 23, 00, 33, 23, 32,
EMC SCROLLING
2F, 2C, 2C, 29, 2E, 27, 00, 33,
SERIAL MOUSE
25, 32, 29, 21, 2C, 00, 2D, 2F,
35, 33, 25
Check sum
2
21, 15
2 bytes checks um
End PnP
1
09
End PnP ID
(II) Legacy PS/2 mouse operating:
(A) Operating mode
There are four operating modes in PS/2 mouse:
a. Reset Mode:
In this mode a self-test is initiated during power-on or by a Reset command. After reset signal, PS/2 mouse
will :
(a) Send completion code AA & ID code 00.
(b) Set default :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com