Electronic Components Datasheet Search
  English  ▼

X  

EM84510FP Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM84510FP
Description  PS/2 SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84510FP Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM84510FP Datasheet HTML 1Page - ELAN Microelectronics Corp EM84510FP Datasheet HTML 2Page - ELAN Microelectronics Corp EM84510FP Datasheet HTML 3Page - ELAN Microelectronics Corp EM84510FP Datasheet HTML 4Page - ELAN Microelectronics Corp EM84510FP Datasheet HTML 5Page - ELAN Microelectronics Corp EM84510FP Datasheet HTML 6Page - ELAN Microelectronics Corp EM84510FP Datasheet HTML 7Page - ELAN Microelectronics Corp EM84510FP Datasheet HTML 8Page - ELAN Microelectronics Corp EM84510FP Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
EM84510
PS/2 SCROLLING MOUSE CONTROLLER
2
* This specification are subject to be changed without notice.
5.30.2001
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTIONS
OPT
I/O
INPUT: 200kohm pull low to VSS.
When OPT is connected to VDD, EM84510 will enter test mode. In test mode,
L will be the output of X1,while M will be the output of X2. Toggling R key can
change these output to be Y1,Y2 or Z1,Z2 respectively.
OUTPUT: 2kHz Z-axis LED driving source.
"1"= VDD, "0"= floating
High duty is about 60us.
OSC.OUT
O
RC mode oscillation with 51kohm resistor.
OSCR
I
CLK
I/O
Connect to 8042 auxiliary port CLK line.
DATA
I/O
Connect to 8042 auxiliary port DATA line.
R/M/L
I
Three key-switches inputs.
200kohm resistor pull low.
X1
I
Three step dynamic input impedance.
X2
Use current comparator to measure photo-couples "ON" ,or "OFF".
Y1
Y2
Z1
Z-axis inputs.
Z2
Photo mode: Three step dynamic input impedance. Current comparator input.
Key
mode: 200kohm resistor pull low. 7 levels increased by "M" key.
Voltage mode: 200kohm resistor pull low. 7 levels voltage comparator.
Mechanical mode : 13.2kohm resistor pull low.
VSS
Negative power.
VDD
Power line.
Symbol
I/O
Function
Z1
Z2
OPT
X1
X2
Y1
Y2
L
M
R
OSCR
OSC.OUT
C
O
M
P
A
R
A
T
O
R
M
O
T
I
O
N
D
E
T
E
C
T
O
R
D
E
B
O
U
N
C
E
COUNTER
COMMON
STATUS
SYSTEM CLOCK
GENERATOR
RC
OSCILLATION
MULTIPLEXER
DATA
I/O
TIMING
CONTROLLER
COMPARATOR
VOLTAGE
SENSOR
KEY-SWITCH
DETECTOR
Z-AXIS COUNTER
THREE TYPES SELECTOR
DATA CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com