Electronic Components Datasheet Search
  English  ▼

X  

CSC3619 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC3619
Description  NPN SILICON PLASTIC POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC3619 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC3619 Datasheet HTML 1Page - Continental Device India Limited CSC3619 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN SILICON PLASTIC POWER TRANSISTOR
CSC3619
TO-126
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
300
V
Collector -Emitter Voltage
VCEO
300
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
100
mA
Collector Power Dissipation @ Ta=25 deg C
Ptot
1.5
W
Collector Power Dissipation @ Tc=45 deg C
Ptot
10
W
Junction Temperature
Tj
150
deg C
Storage Temperature Range
Tstg
-55 to +150
deg C
THERMAL RESISTANCE
Junction to Ambient
Rth (j-a)
83.3
K/W
Junction to Case
Rth (j-c)
10.5
K/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Base Voltage
VCBO
IC=0.1A, IE=0
300
-
-
V
Collector Emitter Voltage
VCEO
IC=10mA, IB=0
300
-
-
V
Emitter Base Voltage
VEBO
IE=1mA, IC=0
5.0
-
-
V
Collector Cut off Current
ICBO
VCB=240V, IE=0
-
-
1.0
uA
DC Current Gain
hFE
IC=20mA, VCE=10V
30
-
200
Collector Emitter Saturation Voltage
VCE(Sat) IC=10mA,IB=1mA
-
-
1.0
V
Base Emitter Saturation Voltage
VBE(Sat) IC=10mA,IB=1mA
-
-
1.0
V
Dynamic Characteristics
Collector Output Capacitance
Cob
VCB=30V, IE=0
-
3.0
-
pF
f=1MHz
Transition Frequency
ft
VCE=10V, IC=20mA
50
-
-
MHz
Continental Device India Limited
Data Sheet
Page 1 of 2
B
C
E
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC3619

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CSC36AC TRIPPLITE-CSC36AC Datasheet
179Kb / 4P
Multi-Device Charging Cart, 36 AC Outlets, Chromebooks and Laptops, Black
CSC36DM TRIPPLITE-CSC36DM Datasheet
43Kb / 2P
Display Mount Adapter Kit for 36-Device AC Charging Station Cart
More results

Similar Description - CSC3619

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSD1638 CDIL-CSD1638 Datasheet
67Kb / 2P
NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
MJD13003 CDIL-MJD13003 Datasheet
591Kb / 5P
NPN SILICON PLASTIC POWER TRANSISTOR
logo
ON Semiconductor
BD135 ONSEMI-BD135 Datasheet
42Kb / 4P
Plastic Medium Power Silicon NPN Transistor
April, 2005 ??Rev. 12
BD179 ONSEMI-BD179 Datasheet
86Kb / 4P
Plastic Medium-Power NPN Silicon Transistor
July, 2007 - Rev. 12
BD435 ONSEMI-BD435_05 Datasheet
65Kb / 4P
Plastic Medium Power Silicon NPN Transistor
October, 2005??Rev. 14
logo
Continental Device Indi...
CN1933 CDIL-CN1933 Datasheet
119Kb / 3P
NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CDD1933 CDIL-CDD1933 Datasheet
90Kb / 2P
NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
logo
ON Semiconductor
MJE344G ONSEMI-MJE344G Datasheet
101Kb / 3P
Plastic NPN Silicon Medium-Power Transistor
December, 2013 ??Rev. 4
BD179G ONSEMI-BD179G Datasheet
101Kb / 4P
Plastic Medium-Power Silicon NPN Transistor
Noember, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
BD185 NJSEMI-BD185 Datasheet
89Kb / 1P
PLASTIC MEDIUM POWER SILICON NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com