Electronic Components Datasheet Search
  English  ▼

X  

2CU15L Datasheet(PDF) 1 Page - Altech corporation

Part # 2CU15L
Description  L-Series - UL489 Miniature Molded Case Circuit Breaker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

2CU15L Datasheet(HTML) 1 Page - Altech corporation

  2CU15L Datasheet HTML 1Page - Altech corporation 2CU15L Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-Series - UL489 Miniature Molded Case Circuit Breaker -
2 pole C-Trip
Two Pole
Standard Pack: 4
Weight: 1.7kg (3.74 lb.)
1
1.05 1.3
0.01
0.05
0.1
0.5
1
5
10
20
40
1
2
4
6
8
20
10
40
60
120
20
16
14
12
10
9
8
7
6
5
2
34
C and D Trip, Less than 10A
1
1.05 1.3
0.01
0.05
0.1
0.5
1
5
10
20
40
60
120
240
360
480
1200
600
2400
3600
7200
20
16
14
12
10
9
8
7
6
5
2
34
C and D Trip, 10A and higher
Multiple of Rated Current
Multiple of Rated Current
CD
CD
6.5mm
(0.26 in.)
44mm (1.73 in.)
60mm (2.36 in.)
14.5mm (0.57 in.)
17.5mm (0.69 in.)
35mm (1.38 in.)
Rated
Type/
Current
Cat. No.
0.2A
2CU02L
0.5A
2CU05L
1.0A
2CU1L
1.6A
2CU1.6L
2.0A
2CU2L
3.0A
2CU3L
4.0A
2CU4L
5.0A
2CU5L
6.0A
2CU6L
8.0A
2CU8L
10A
2CU10L
12A
2CU12L
13A
2CU13L
15A
2CU15L
16A
2CU16L
20A
2CU20L
25A
2CU25L
30A
2CU30L
32A
2CU32L
40A
2CU40L
50A
2CU50L
60A
2CU60L
63A
2CU63L
LISTED
E305318
AC - short CirCuit interruptinG rAtinG
No.
Poles
Type
0.2-32A
33-63A
1
AC
10kA@120, 240, 277V
10kA@120, 240V
2-4
AC
10kA@120, 240V, 480Y/277V 10kA@120, 240V
AC Version Current/ Voltage Rating
Calibration Temperature
Operating Temperature
Storage Temperature
Terminal Size Acceptability:
Solid Wire
Stranded Wire
Terminal Torque
Terminal Protection Degree
Electrical Life
Mechanical Life
Wire Connection
0.2-63A/240VAC, 0.2-32A/480Y/277VAC*
40°C (104°F)
-25° to 60°C (-13° to 140°F)
-25° to 75°C (-13° to 167°F)
18 AWG -10 AWG
18 AWG -6 AWG
2.8 Nm (25 lb-in.)
IP20
6000 cycles on/off
100000 cycles on/off
copper wire only 60/75°C
*
One device dual voltage ratings.
For ring tongue terminal version, replace “U” with “
R” in part number. For example 1CR20L instead of 1CU20L.


Similar Part No. - 2CU15L

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2CU15R ALTECH-2CU15R Datasheet
140Kb / 2P
R-Series - UL1077 Supplementary Protector
More results

Similar Description - 2CU15L

ManufacturerPart #DatasheetDescription
logo
Altech corporation
ABS103U15A ALTECH-ABS103U15A Datasheet
932Kb / 10P
Molded Case Circuit Breakers UL489 Listed
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
3DU02L ALTECH-3DU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
Miniature Molded Case Circuit Breakers
logo
Schneider Electric
PGF36025U43A SCHNEIDER-PGF36025U43A Datasheet
139Kb / 1P
Molded Case Circuit Breaker 600V 250A
Oct 20, 2020
PGF36025U44A SCHNEIDER-PGF36025U44A Datasheet
161Kb / 1P
Molded Case Circuit Breaker 600V 250A
Oct 20, 2020
PGF36040U31A SCHNEIDER-PGF36040U31A Datasheet
145Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 400A
Oct 20, 2020
PGF36040U33A SCHNEIDER-PGF36040U33A Datasheet
161Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 400A
Oct 20, 2020
PGF36040U41A SCHNEIDER-PGF36040U41A Datasheet
145Kb / 1P
Molded Case Circuit Breaker 600V 400A
Oct 20, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com