Electronic Components Datasheet Search
  English  ▼

X  

EM91220AP Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM91220AP
Description  TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91220AP Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM91220AP Datasheet HTML 2Page - ELAN Microelectronics Corp EM91220AP Datasheet HTML 3Page - ELAN Microelectronics Corp EM91220AP Datasheet HTML 4Page - ELAN Microelectronics Corp EM91220AP Datasheet HTML 5Page - ELAN Microelectronics Corp EM91220AP Datasheet HTML 6Page - ELAN Microelectronics Corp EM91220AP Datasheet HTML 7Page - ELAN Microelectronics Corp EM91220AP Datasheet HTML 8Page - ELAN Microelectronics Corp EM91220AP Datasheet HTML 9Page - ELAN Microelectronics Corp EM91220AP Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
EM91220 SERIES
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
6
* This specification are subject to be changed without notice.
10.1.1997
Pulse to Tone (*/T or P-T) key operation
The Pulse to Tone (*/T or P-T) key is designed to support toll dialing (long distance call) or PABX system
operation. The "*/T (or P-T)" key can be stored in memory and it will occupy one digital position.
• To select Pulse mode.
• Off-hook (or turn on HF function), push d1, d2, .. , dn, */T, (or P-T) k1, k2, .. , kn. These numbers will be dialed
out as following sequence:
d1, d2, .. , dn, Tpt, k1, k2, .. , kn.
(pulse mode)
(tone mode)
Flash (F) key operation
The Flash (F) key is designed to break telephone line temporarily. After F key is depressed, this dialer will send
a flash signal to break line 600 ms, 300 ms, 100 ms or 80 ms as ROW3 and ROW4 selection.
Handfree (HF) function
The handfree function is designed to support on-hook dialing and loudspeaker application which can be turn “on”
or “off” with falling edge signal from HFI pin. During handfree function is executed, the HFO pin is switched
to “high”. Otherwise the HFO pin stays “low” level.
Truth table
Operating state
Input/Output pin level
HKS
PO
XMUTE
PM
HFO
(0) On-hook, idle state
H
F
F
L
L
(1) Off-hook line
L
F
F
L
L
(2) Off-hook, HF line
L
F
F
L
H
(3) On-hook, HF line
H
F
F
L
H
Note : F=floating (high impedance); H=logic “High”; L=logic “Low” level.
SDO (Serial Data Output) function
The SDO is serial data output which format is same as UART protocol. SDO function is designed to drive LCD
driver and voice synthesizer. So the dialing numbers can be display on LCD screen with EM32100 (or EM32116
). The SDO signal consists of two start bits, six data bits and two stop bits. Each bit time is about 3.9 ms (256 Hz)
and output sequences are following by start bits, data bits (LSB to MSB) and stop bits.
0
1
bit 0
bit1
bit2
bit3
bit4
bit5
ready
start bits
data bits
0
1
stop bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com