Electronic Components Datasheet Search
  English  ▼

X  

EM91450 Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM91450
Description  TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91450 Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM91450 Datasheet HTML 8Page - ELAN Microelectronics Corp EM91450 Datasheet HTML 9Page - ELAN Microelectronics Corp EM91450 Datasheet HTML 10Page - ELAN Microelectronics Corp EM91450 Datasheet HTML 11Page - ELAN Microelectronics Corp EM91450 Datasheet HTML 12Page - ELAN Microelectronics Corp EM91450 Datasheet HTML 13Page - ELAN Microelectronics Corp EM91450 Datasheet HTML 14Page - ELAN Microelectronics Corp EM91450 Datasheet HTML 15Page - ELAN Microelectronics Corp EM91450 Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
EM91450 SERIES
TONE/PULSE DIALER WITH LCD INTERFACE
AND I.P.P. DETECT FUNCTION
12
* This specification are subject to be changed without notice.
2.10.1999
DTMF output frequency (fosc = 3.579545 MHz)
Keyboard scan pin
CCITT standard (Hz)
Actual output (Hz)
Deviation (%)
ROW1 (f1)
697
699.1
0.30
ROW2 (f2)
770
766.2
0.49
ROW3 (f3)
852
847.4
-0.53
ROW4 (f4)
941
947.9
0.73
COL1 (f5)
1209
1215.8
0.56
COL2 (f6)
1336
1331.6
-0.32
COL3 (f7)
1477
1471.8
-0.35
Keyboard debounce time
Tdb
-
20
-
ms
Key tone signal: frequency
Fkt
-
600
-
Hz
duration
Tkt
-
30
-
ms
Pause time
Tp
-
3.6
-
sec.
Pulse to Tone waiting time
Tpt
-
3.6
-
sec.
Flash time
Tf
-
600
-
Row3B, Row4B=NR, NR
-
100
-
ms
Row3B, Row4B=NR, R-Vss
-
80
-
Row3B,Row4B=R-Vss, NR
-
300
-
Row3B,Row4B=R-Vss,R-Vss
Pulse rate
PSR
-
20
-
pps
Row1 = R-Vdd
-
10
-
Row1 = R-Vss
Make/Break ratio
MBR
-
40:60
-
%
Row2 = NR
-
33:66
-
Row2 = R-Vss
Inter-digit pause time
Tidp
-
800
-
ms
PSR = 10 pps
-
500
-
PSR = 20 pps
Minimum tone duration
Tp
96
98
100
Minimum inter-tone pause
Titp
96
98
100
ms
Memory dialing
HD key release hold function
Thdrdb
-
93
-
ms
debounce time
SDO bit time
Tbit
3.8
3.9
4.1
ms
Off-Hook delay time
Tdly
-
300
-
ms
Parameter
Sym.
Min.
Typ.
Max. Unit
Condition
AC ELECTRICAL CHARACTERISTIC
(Ambient temperature is 25oC, V
DD=2.5V unless otherwise noted, all voltages referenced to Vss,Fosc=3.579545 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com