Electronic Components Datasheet Search
  English  ▼

X  

EM91865 Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM91865
Description  13 MEMORY TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91865 Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM91865 Datasheet HTML 1Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 2Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 3Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 4Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 5Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 6Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 7Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 8Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
* This specification are subject to be changed without notice.
2
4.28.1999
EM91865
13 MEMORY TONE/PULSE DIALER WITH HF, HD, REDIAL
AND VOLUME CONTROL FUNCTION
Preliminary
PIN ASSIGNMENTS
PIN DESCRIPTIONS
Symbol
Function
K2 , K3 , K5 ~ K8
Key board scan I/O pins, key scans by ripple way.
I/O pin
These pins output 16K Hz signal one by one and periodically for key board scan.
K1/HDO
This pin has two functions
Normally this pin will be a Key board scan pins function same as K1~K8.
In Hold condition this pin will stay in "High" level to control the Hold circuit and scan HD
input key. In Hold condition all key will not allow keying except HD, HF and Hook switch.
K4/MuteO
This pin has two functions
Normally this pin will be a Key board scan pins function same as K1~K8.
In MUTE condition this pin will stay in "High" level and output signal with the inverse of key
scan to control the MUTE circuit and scan input key. Any key input will release MUTE
condition.
K6/XMUTE
This pin has two functions
Normally this pin will be a Key board scan pins function same as K1~K8.
The Tone/Pulse dialing Mute signal output pin. This pin will switch to "High" level during
Tone/Pulse dialing and hold function. Otherwise, this pin DC level stays "Low".
VDD, VSS
Positive and negative power supply input pin
Xin, Xout
Oscillator input and output pins, built in two 5pf capacitor so it's not need external capacitor.
A 3.579545 MHz crystal must be crossed between Xin and Xout.
HFI
Handfree function Input pin accepts rising edge signal to turn "on" or turn "off" handfree
function. This pin is hysteresis input structure and built-in pull down resistor (typically 200
K
Ω) .
HFO
Handfree outputs pin that is designed to control telephone line for on-hook dialing or control
speakerphone circuit for handfree conversation. When handfree function is executed, this pin
will switch to "High". Otherwise, this pin stays "Low" level.
HKS
Hook Switch detects input pin, which is hysteresis input structure and without internal pull
up resistor.
DTMF
DTMF (Dual Tone Multi-Frequency) output pin, In tone dialing mode, this pin will output
DTMF signal that is corresponding to key board 0~9, *, # key.
PO
Pulse signal output pin that is NMOS open-drain. This pin is for pulse dialing. This output is
"Low" during pulse dialing blank duration and Flash operation active, otherwise will be "High
impedance".
VAO
Volume Add output pin , which is open drain structure.
Normally this pin will stay in "High Impedance". When Volume add active and dialer in OFF-
HOOK mode operting then this pin will output "Low".
K7
K6/XMUTE
K5
K4/MUTEO
XIN
XOUT
VSS
VAO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
K8
K3
K2
K1/HDO
DTMF
PO
HKS
VDD
EM91865A
EM91865B
K7
K6/XMUTE
K5
K4/MUTEO
XIN
XOUT
VSS
VAO
HFI
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
K8
K3
K2
K1/HDO
DTMF
PO
HKS
VDD
HFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com