Electronic Components Datasheet Search
  English  ▼

X  

EM92547B Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM92547B
Description  CALLER ID FSK DECODER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM92547B Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM92547B Datasheet HTML 5Page - ELAN Microelectronics Corp EM92547B Datasheet HTML 6Page - ELAN Microelectronics Corp EM92547B Datasheet HTML 7Page - ELAN Microelectronics Corp EM92547B Datasheet HTML 8Page - ELAN Microelectronics Corp EM92547B Datasheet HTML 9Page - ELAN Microelectronics Corp EM92547B Datasheet HTML 10Page - ELAN Microelectronics Corp EM92547B Datasheet HTML 11Page - ELAN Microelectronics Corp EM92547B Datasheet HTML 12Page - ELAN Microelectronics Corp EM92547B Datasheet HTML 13Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
EM92547A/B/D
CALLER ID FSK DECODER
________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
1998
~ 12 ~
Application Note
1. Input capacitor and input resistor
Input voltage of OP Amp are "A" and "B" which are equal to 500k/(Z1+500k) and 500k/(Z2+500k),
where Z1=Zc1+R1, Z2=Zc2+R2. There is no difference in the input sensitivity when the external
resistors R1 and R2 is more less than 500k ohms. Although R1 and R2 will not critically effect input
sensitivity, we suggest the value of R1 and R2 are 30k to 50k to reduce the ring current into "A" and
"B" for stable operation.
Input coupling capacitors C1 and C2 will slightly effect the input sensitivity. The value of C1 and
C2 could not choose too large to avoid ring voltage discharge time debiasing OP Amp. We suggest
that the value C1 and C2 are less than 0.01uF.
2. VDD pin and VSS pin
To reduce noise effects, connect a ceramic capacitor of about 0.1uF set as close as possible to the
pin to the VSS pin.
3. OSCIN pin, OSCOUT pin
For proper oscillator working, the feedback resistor 1M
Ω should be shunt with the 3.58MHz crystal
and 20pF capacitors connected from these two pins to the ground.
500k
500k
C1
C2
R1
R2
A
B
TIP
RING
Differential Input
OP Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com