Electronic Components Datasheet Search
  English  ▼

X  

EM92600AM Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM92600AM
Description  DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM92600AM Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM92600AM Datasheet HTML 1Page - ELAN Microelectronics Corp EM92600AM Datasheet HTML 2Page - ELAN Microelectronics Corp EM92600AM Datasheet HTML 3Page - ELAN Microelectronics Corp EM92600AM Datasheet HTML 4Page - ELAN Microelectronics Corp EM92600AM Datasheet HTML 5Page - ELAN Microelectronics Corp EM92600AM Datasheet HTML 6Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
* This specification are subject to be changed without notice.
EM92600/1A
DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
4
4.23.1995
DC ELECTRICAL CHARACTERISTICS
(T
A= 25°C unless otherwise noted )
Parameter
Sym.
Min.
Typ.
Max.
Unit
Condition
Operating voltage
V
DD
2.5
-
5.5
V
Input voltage
V
IL
-
0.8
V
V
DD
=3V
V
IH
2.2
-
Output voltage
V
OL
-
0.05
V
V
DD
=3V
V
OH
2.95
-
Input low current
I
IL
µAv
IL=0
-36
-
pin 16,14,9
-0.06
-
pin 2~8
Input high current
I
IH
µAv
IH
=V
DD
-0.5V
-
36
pin 16,14,9
-
120
pin 2~8
Output current
I
OH
-0.2
-
mA
V
OH
=2.6V
I
OL
0.2
-
V
OL=0.4V
Standby current
I
DS
-
1.5
mA
V
DD=3V, note1
Operating current
I
DO
-
3.0
mA
V
DD
=3V, note2
(0.2Vp-p input at RIF,TIF)
3-state leakage current
I
OZ
-
±1
µAV
DD=5V
Note 1: XTALin: 10.24MHz ; MODE:V
DD; SB:VSS; TIF=20MHz(200 mVp-p); RIF=40MHz(200 mVp-p); others
are open.
Note 2: XTALin: 10.24MHz ; MODE:V
DD; SB:VDD; TIF=20MHz(200 mVp-p); RIF=40MHz(200 mVp-p); others are
open.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Condition
Output rise time
T
R
200
nS
V
DD=3V
Output fall time
T
F
200
nS
V
DD=3V
Input rise and fall time
T
R
5
µS
XTAL1
OSC in
T
F
V
DD=3V
Maximum frequency
F
MAX
12
XTAL1
input =sine wave 0.2Vp-p
50
MHz
RIF (V
DD=3V)
50
TIF
Setup time data to clock
T
SU
EM92601A only
Enable to clock
100
200
nS
Hold time
T
H
80
nS
EM92601A only
clock to data
Recovery time
T
REC
80
nS
EM92601A only
Enable to clock
Input pulse width
T
W
80
nS
EM92601A only
clock and Enable
AC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com