Electronic Components Datasheet Search
  English  ▼

X  

IRF3708L Datasheet(PDF) 6 Page - International Rectifier

Part # IRF3708L
Description  High Frequency Buck Converters for Computer Processor Power
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3708L Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF3708L Datasheet HTML 2Page - International Rectifier IRF3708L Datasheet HTML 3Page - International Rectifier IRF3708L Datasheet HTML 4Page - International Rectifier IRF3708L Datasheet HTML 5Page - International Rectifier IRF3708L Datasheet HTML 6Page - International Rectifier IRF3708L Datasheet HTML 7Page - International Rectifier IRF3708L Datasheet HTML 8Page - International Rectifier IRF3708L Datasheet HTML 9Page - International Rectifier IRF3708L Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRF3708/3708S/3708L
6
www.irf.com
Fig 14a&b. Gate Charge Test Circuit
and Waveform
Fig 12. On-Resistance Vs. Drain Current
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
Vs. Drain Current
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
QG
QGS
QGD
VG
Charge
t p
V (BR )DS S
I AS
R G
IAS
0.0 1
Ω
tp
D.U .T
L
VDS
+
-
VDD
DRIVER
A
15V
20 V
0
50
100
150
200
250
300
ID , Drain Current ( A )
0.005
0.010
0.015
0.020
0.025
VGS = 4.5V
VGS = 10V
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
VGS, Gate -to -Source Voltage (V)
0.007
0.009
0.011
0.013
0.015
0.017
ID = 31A
25
50
75
100
125
150
175
0
120
240
360
480
600
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
10A
20.7A
24.8A
Fig 13. On-Resistance Vs. Gate Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com