Electronic Components Datasheet Search
  English  ▼

X  

IRF6215SL Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6215SL
Description  Advanced Process Technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6215SL Datasheet(HTML) 2 Page - International Rectifier

  IRF6215SL Datasheet HTML 1Page - International Rectifier IRF6215SL Datasheet HTML 2Page - International Rectifier IRF6215SL Datasheet HTML 3Page - International Rectifier IRF6215SL Datasheet HTML 4Page - International Rectifier IRF6215SL Datasheet HTML 5Page - International Rectifier IRF6215SL Datasheet HTML 6Page - International Rectifier IRF6215SL Datasheet HTML 7Page - International Rectifier IRF6215SL Datasheet HTML 8Page - International Rectifier IRF6215SL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF6215S/L
‚ Starting T
J = 25°C, L = 14mH
RG = 25Ω, IAS = -6.6A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Notes:
** When mounted on 1" square PCB (FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
ƒ ISD ≤ -6.6A, di/dt ≤ -620A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Uses IRF6215 data and test conditions
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.6
V
TJ = 25°C, IS = -6.6A, VGS = 0V
„
trr
Reverse Recovery Time
–––
160
240
ns
TJ = 25°C, IF = -6.6A
Qrr
Reverse Recovery Charge
–––
1.2
1.7
µC
di/dt = -100A/µs
„…
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
S
D
G
-11
-44
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-150
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
-0.20
–––
V/°C
Reference to 25°C, ID = -1mA
…
–––
–––
0.29
VGS = -10V, ID = -6.6A
„
–––
–––
0.58
Ω
VGS = -10V, ID = -6.6A
„ TJ = 150°C
VGS(th)
Gate Threshold Voltage
-2.0
–––
-4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
3.6
–––
–––
S
VDS = -25V, ID = -6.6A
…
–––
–––
-25
µA
VDS = 150V, VGS = 0V
–––
–––
-250
VDS = 120V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = -20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = 20V
Qg
Total Gate Charge
–––
–––
66
ID = -6.6A
Qgs
Gate-to-Source Charge
–––
–––
8.1
nC
VDS = -120V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
35
VGS = -10V, See Fig. 6 and 13
„…
td(on)
Turn-On Delay Time
–––
14
–––
VDD = -75V
tr
Rise Time
–––
36
–––
ID = -6.6A
td(off)
Turn-Off Delay Time
–––
53
–––
RG = 6.8Ω
tf
Fall Time
–––
37
–––
RD = 12Ω, See Fig. 10
„…
Between lead,
–––
–––
and center of die contact
Ciss
Input Capacitance
–––
860
–––
VGS = 0V
Coss
Output Capacitance
–––
220
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
130
–––
ƒ = 1.0MHz, See Fig. 5
…
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
RDS(on)
Static Drain-to-Source On-Resistance
IGSS
IDSS
Drain-to-Source Leakage Current
LS
Internal Source Inductance
7.5
nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com