Electronic Components Datasheet Search
  English  ▼

X  

HM9270C Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # HM9270C
Description  DTMF RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

HM9270C Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  HM9270C Datasheet HTML 1Page - ELAN Microelectronics Corp HM9270C Datasheet HTML 2Page - ELAN Microelectronics Corp HM9270C Datasheet HTML 3Page - ELAN Microelectronics Corp HM9270C Datasheet HTML 4Page - ELAN Microelectronics Corp HM9270C Datasheet HTML 5Page - ELAN Microelectronics Corp HM9270C Datasheet HTML 6Page - ELAN Microelectronics Corp HM9270C Datasheet HTML 7Page - ELAN Microelectronics Corp HM9270C Datasheet HTML 8Page - ELAN Microelectronics Corp HM9270C Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DTMF RECEIVER
HM 9270C/D
- 2 -
Block Diagram (Figure 1)
Pin
Sym.
1
IN+
2
IN-
3GS
4V
REF
5
INH
6
PWDN
7
OSC1
8
OSC2
9V
SS
10
TOE
Non-Inverting input
Invering Input
Gain select. Gives access to output of front-end differential amplifier for connection of
feedback resistor.
Reference voltage output,nominally V
DD/2. May be used to bias the inputs at midrail (see
application diagram).
Inhibit (input) logic high inhibit the detection of 1633Hz internal built-in pull down resistor.
(HM9270D only).
Power down (input). Active high power down the device and inhibit the oscillator internal
built-in pull down resistor. (HM9270D only).
Clock Input
Clock
Output
Negative power supply, normally connected to 0V.
3-state data output enable (input). Logic high enables the outputs Q1-Q4. Internal pull-up.
Connections to the front-end differential amplifier.
Function
Pin Description
3.579545 MHz crystal connected between these pins completes
internal oscillator.
Q1
Q2
Q3
Q4
OSC1
OSC2
GS
IN
IN+
+
-
CHIP
CLOCKS
CHIP
POWER
CHIP
BIAS
CHIP
REF
DIAL
TONE
FILTER
HIGH
GROUP
FILTER
LOW
GROUP
FILTER
BIAS
CIRCUIT
+
-
ZERO
CROSSING
DETECTORS
DIGITAL
DETECTION
ALGORITHM
CODE
CONVERTER
AND
LATCH
STEERING
LOGIC
TOE
StD
V
DDVSS
V
REF
St/ GT
ESt
INH
PWDN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com