Electronic Components Datasheet Search
  English  ▼

X  

CSA1293 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA1293
Description  PNP SILICON PLASTIC POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA1293 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA1293 Datasheet HTML 1Page - Continental Device India Limited CSA1293 Datasheet HTML 2Page - Continental Device India Limited CSA1293 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLASTIC POWER TRANSISTOR
CSA1293
TO-220
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Emitter Voltage
VCEO
80
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current Continuous
IC
5.0
A
Collector Power Dissipation @ Ta=25 deg C
PD
1.5
W
Collector Power Dissipation @ Tc=25 deg C
30
W
Junction Temperature
Tj
150
deg C
Storage Temperature Range
Tstg
-55 to +150
deg C
Lead Temperature for Soldering, 1/16"
TL
260
deg C
from Body for 10 seconds
THERMAL RESISTANCE
Junction to Ambient
Rth (j-a)
83.3
deg C/W
Junction to Case
Rth (j-c)
4.2
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining Voltage
VCEO(sus)* IC=100mA, IB=0
80
-
-
V
Collector Cut off Current
ICEO
VCE=80V, IB=0
-
-
10
uA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
-
-
100
uA
DC Current Gain
hFE*
IC=0.05A, VCE=1V
60
-
-
IC=1A, VCE=1V
70
IC=3A, VCE=1V
40
Collector Emitter Saturation Voltage
VCE(Sat)* IC=3A,IB=0.15A
-
-
0.4
V
Base Emitter Saturation Voltage
VBE(Sat)* IC=3A,IB=0.15A
-
-
1.2
V
*Pulse Test PW=300us, Duty Cycle=2%
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSA1293

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA1220 CDIL-CSA1220 Datasheet
150Kb / 3P
PNP PLASTIC POWER TRANSISTORS
CSA1220A CDIL-CSA1220A Datasheet
150Kb / 3P
PNP PLASTIC POWER TRANSISTORS
logo
Clarke International
CSA12F CLARKE-CSA12F Datasheet
3Mb / 16P
12 TONNE HYDRAULIC PRESS
DL0123 - Rev 5
More results

Similar Description - CSA1293

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD180 MOTOROLA-BD180 Datasheet
105Kb / 4P
Plastic Medium Power Silicon PNP Transistor
BD802 MOTOROLA-BD802 Datasheet
94Kb / 4P
Plastic High Power Silicon PNP Transistor
BD808 MOTOROLA-BD808 Datasheet
104Kb / 4P
Plastic High Power Silicon PNP Transistor
logo
Continental Device Indi...
CFB810 CDIL-CFB810 Datasheet
47Kb / 2P
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CP1342 CDIL-CP1342 Datasheet
115Kb / 3P
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N4918 NJSEMI-2N4918 Datasheet
136Kb / 1P
MEDIUM-POWER PLASTIC PNP SILICON TRANSISTOR
logo
Continental Device Indi...
CSB1436 CDIL-CSB1436 Datasheet
70Kb / 2P
PNP SILICON PLASTIC POWER TRANSISTOR
CP107 CDIL-CP107 Datasheet
119Kb / 3P
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
MJE350 NJSEMI-MJE350 Datasheet
72Kb / 2P
Plastic Medium Power PNP Silicon Transistor
logo
ON Semiconductor
MJE371G ONSEMI-MJE371G Datasheet
101Kb / 3P
Plastic Medium-Power PNP Silicon Transistor
December, 2013 ??Rev. 9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com