Electronic Components Datasheet Search
  English  ▼

X  

CJF15032 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CJF15032
Description  SILICON PLANAR POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJF15032 Datasheet(HTML) 1 Page - Continental Device India Limited

  CJF15032 Datasheet HTML 1Page - Continental Device India Limited CJF15032 Datasheet HTML 2Page - Continental Device India Limited CJF15032 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR POWER TRANSISTORS
CJF15032
NPN
CJF15033
PNP
TO-220FP Fully Isolated
Plastic Package
Designed For Use As High - Frequency Drivers in Audio Amplifiers.
ABSOLUTE MAXIMUM RATINGS.
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Base Voltage
VCBO
250
V
Collector Emitter Voltage
VCEO
250
V
Emitter Base Voltage
VEBO
5
V
RMS Isolation Voltage ( for 1sec,R.H.
(1) VISOL (a)
3500
V
<30%, TA=25ºC )
(b)
1500
V
Collector Current - Continuous
IC
8
A
- Peak
16
A
Base Current
IB
2
A
Total Power Dissipation @ Tc=25ºC
PD
50
W
Derate Above 25ºC
0.4
W/ºC
Total Power Dissipation @ Ta=25ºC
PD
2
W
Derate Above 25ºC
0.016
W/ºC
Operating and Storage Junction
Tj,Tstg
-65 to +150
ºC
Temperature Range
THERMAL RESISTANCE
From Junction to Ambient
Rth (j-a)
62.5
ºC/W
From Junction to Case
Rth (j-c)
2.5
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector Emitter (sus) Voltage
VCEO (sus) *
IC=10mA, IB=0
250
-
V
Collector Cut off Current
ICBO
VCB=150V, IE=0
-
10
µA
Emitter Cut off Current
IEBO
VEB=5V,IC=0
-
10
µA
DC Current Gain
hFE *
IC=0.5A, VCE=5V
50
-
IC=1.0A, VCE=5V
50
-
IC=2.0A, VCE=5V
10
-
Collector Emitter Saturation Voltage
VCE(Sat) *
IC=1A, IB=0.1A
-
0.5
V
Base Emitter on Voltage
VBE(on) *
IC=1.0A, VCE=5V
-
1.0
V
DYNAMIC CHARACTERISTICS
Current Gain - Bandwidth Product **
fT
IC=500mA, VCE=10V
30
-
MHz
ftest=1MHz
(1) RMS Isolation Voltage : (a) 3500 VRMS with Package in Clip Mounting Position (b) 1500 VRMS with
Package in Screw Mounting Position (for 1sec, R.H.<30%Ta=25ºC; Pulse Test: Pulse Width <300
µµs,
Duty Cycle<2%
* Pulse Test: Pulse Width <
300µ
300µs, Duty Cycle <2 %
** fT= Ihfel ftest.
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CJF15032

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF15030 CDIL-CJF15030 Datasheet
294Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF15030 CDIL-CJF15030 Datasheet
228Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF15030NPN CDIL-CJF15030NPN Datasheet
228Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF15031 CDIL-CJF15031 Datasheet
294Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF15031 CDIL-CJF15031 Datasheet
228Kb / 4P
SILICON PLANAR POWER TRANSISTORS
More results

Similar Description - CJF15032

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF31 CDIL-CJF31 Datasheet
121Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF44H11 CDIL-CJF44H11 Datasheet
213Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF2955 CDIL-CJF2955 Datasheet
295Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF15028 CDIL-CJF15028 Datasheet
110Kb / 4P
SILICON PLANAR POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
2N3055 TEL-2N3055 Datasheet
150Kb / 3P
SILICON PLANAR POWER TRANSISTORS
logo
Continental Device Indi...
CJF15030NPN CDIL-CJF15030NPN Datasheet
228Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF15028NPN CDIL-CJF15028NPN Datasheet
101Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF2955PNP CDIL-CJF2955PNP Datasheet
228Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF44HNPN CDIL-CJF44HNPN Datasheet
223Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CDN055NPN CDIL-CDN055NPN Datasheet
81Kb / 3P
SILICON PLANAR POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com