Electronic Components Datasheet Search
  English  ▼

X  

CJF15029 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CJF15029
Description  SILICON PLANAR POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJF15029 Datasheet(HTML) 1 Page - Continental Device India Limited

  CJF15029 Datasheet HTML 1Page - Continental Device India Limited CJF15029 Datasheet HTML 2Page - Continental Device India Limited CJF15029 Datasheet HTML 3Page - Continental Device India Limited CJF15029 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON PLANAR POWER TRANSISTORS
CJF15028 NPN
CJF15029 PNP
TO-220FP Fully Isolated
Plastic Package
Designed for General Purpose Amplifier and Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
RMS Isolation Voltage (for 1sec, R.H. <30%,
* VISOL (a)
VRMS
Ta = 25
oC)
(b)
VRMS
Collector Current - Continuous
IC
A
Collector Current - Peak
IC
A
Base Current
IB
A
Total Power Dissipation @ Tc=25
oC
PD**
W
Derate Above 25
oC
W/ºC
Total Power Dissipation @ Ta=25
oC
PD
W
Derate Above 25
oC
W/ºC
Operating And Storage Junction
Tj, Tstg
ºC
Temperature Range
THERMAL RESISTANCE
From Junction to Ambient
Rth (j-a)
ºC/W
From Junction to Case
Rth (j-c)**
ºC/W
Lead Temperature for Soldering Purpose
TL
ºC
**Measurement made with thermocouple contacting the bottom insulated mounting surface (in a location
beneath the die), the device mounted on a heatsink with thermal grease and a mounting torque of >6 in.lbs.
* RMS Isolation Voltage: (a) 3500 VRMS with Package in Clip Mounting Position (b) 1500 VRMS with Package
in Screw Mounting Position (for 1sec, R.H.<30%, Ta=25
oC; Pulse Test: Pulse Width <300
µµs, Duty Cycle<2%)
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector Emitter Sustaining Voltage
*VCEO (SUS)
IC=10mA, IB=0
120
V
Collector Cut Off Current
ICBO
VCB=120V, IE=0
10
µA
Collector Cut Off Current
ICEO
VCE=120V, IB=0
10
µA
Emitter Cut Off Current
IEBO
VEB=5V, IC=0
10
µA
DC Current Gain
*hFE
IC=0.1A, VCE=2V
40
IC=2.0A, VCE=2V
40
IC=3.0A, VCE=2V
40
IC=4.0A, VCE=2V
20
* Pulse Test: Pulse Width <300
µµs, Duty Cycle <2%
0.29
2
VALUE
260
0.016
- 65 to +150
62.5
3.5
2
120
120
5
3500
1500
8
16
36
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CJF15029

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF15029 CDIL-CJF15029 Datasheet
110Kb / 4P
SILICON PLANAR POWER TRANSISTORS
More results

Similar Description - CJF15029

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF31 CDIL-CJF31 Datasheet
121Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF44H11 CDIL-CJF44H11 Datasheet
213Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF2955 CDIL-CJF2955 Datasheet
295Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF15028 CDIL-CJF15028 Datasheet
110Kb / 4P
SILICON PLANAR POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
2N3055 TEL-2N3055 Datasheet
150Kb / 3P
SILICON PLANAR POWER TRANSISTORS
logo
Continental Device Indi...
CJF15032NPN CDIL-CJF15032NPN Datasheet
96Kb / 3P
SILICON PLANAR POWER TRANSISTORS
CJF15030NPN CDIL-CJF15030NPN Datasheet
228Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF2955PNP CDIL-CJF2955PNP Datasheet
228Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF44HNPN CDIL-CJF44HNPN Datasheet
223Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CDN055NPN CDIL-CDN055NPN Datasheet
81Kb / 3P
SILICON PLANAR POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com