Electronic Components Datasheet Search
  English  ▼

X  

CJF2955 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CJF2955
Description  SILICON PLANAR POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJF2955 Datasheet(HTML) 1 Page - Continental Device India Limited

  CJF2955 Datasheet HTML 1Page - Continental Device India Limited CJF2955 Datasheet HTML 2Page - Continental Device India Limited CJF2955 Datasheet HTML 3Page - Continental Device India Limited CJF2955 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON PLANAR POWER TRANSISTORS
CJF2955 PNP
CJF3055 NPN
TO-220FP Fully Isolated
Plastic Package
General Purpose Amplifier and Switching Applications.
ABSOLUTE MAXIMUM RATINGS.
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Emitter (Sustaining) Voltage
VCEO (sus)
90
V
Collector Emitter Voltage
VCES
90
V
Emitter Base Voltage
VEBO
5V
RMS Isolation Voltage ( for 1sec,R.H.
(1) VISOL (a)
3500
VRMS
<30%, TA=25ºC )
(b)
1500
VRMS
Collector Current
IC
10
A
Base Current
IB
6A
Total Power Dissipation @ Tc=25ºC
PD **
30
W
Derate Above 25ºC
0.25
W/ºC
Total Power Dissipation @ Ta=25ºC
PD
2W
Derate Above 25ºC
0.016
W/ºC
Operating and Storage Junction
Tj,Tstg
- 55 to +150
ºC
Temperature Range
THERMAL RESISTANCE
From Junction to Ambient
Rth (j-a)
62.5
ºC/W
From Junction to Case
Rth (j-c)**
4
ºC/W
Lead Temperature for Soldering Purpose
TL
260
ºC
**Measurement made with thermocouple contacting the bottom insulated mounting surface (in a location
beneath the die), the device mounted on a heatsink with thermal grease and a mounting torque of >6 in.lbs.
(1) RMS Isolation Voltage : (a) 3500 VRMS with Package in Clip Mounting Position (b) 1500 VRMS with Package
in Screw Mounting Position (for 1sec, R.H.<30% ,Ta=25ºC; Pulse Test: Pulse Width <300
µs, Duty Cycle<2%)
ELECTRICAL CHARACTERISTICS (T
c=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector Emitter sustaining Voltage
VCEO (sus) *IC=200mA, IB=0
90
V
Collector Cut off Current
ICBO
VCB=90V, IE=0
1
µA
ICES
VCE=90V, VBE=0
1
µA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
1
µA
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CJF2955

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF2955 CDIL-CJF2955 Datasheet
295Kb / 4P
SILICON PLANAR POWER TRANSISTORS
More results

Similar Description - CJF2955

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF31 CDIL-CJF31 Datasheet
121Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF44H11 CDIL-CJF44H11 Datasheet
213Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF2955 CDIL-CJF2955 Datasheet
295Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF15028 CDIL-CJF15028 Datasheet
110Kb / 4P
SILICON PLANAR POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
2N3055 TEL-2N3055 Datasheet
150Kb / 3P
SILICON PLANAR POWER TRANSISTORS
logo
Continental Device Indi...
CJF15032NPN CDIL-CJF15032NPN Datasheet
96Kb / 3P
SILICON PLANAR POWER TRANSISTORS
CJF15030NPN CDIL-CJF15030NPN Datasheet
228Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF15028NPN CDIL-CJF15028NPN Datasheet
101Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF44HNPN CDIL-CJF44HNPN Datasheet
223Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CDN055NPN CDIL-CDN055NPN Datasheet
81Kb / 3P
SILICON PLANAR POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com