Electronic Components Datasheet Search
  English  ▼

X  

TBAV70 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TBAV70
Description  Low Power Signal Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TBAV70 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TBAV70 Datasheet HTML 1Page - List of Unclassifed Manufacturers TBAV70 Datasheet HTML 2Page - List of Unclassifed Manufacturers TBAV70 Datasheet HTML 3Page - List of Unclassifed Manufacturers TBAV70 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TBAV70
Low Power Signal Diodes
Page 2
08/05/06 V1.0
Ratings (per diode)
Limiting values
Description
Symbol
Values
Unit
Continuous reverse voltage
VR
maximum
70
V
Repetitive peak reverse voltage
VRRM
75
V
Forward current (DC)
IF
215
mA
Repetitive peak forward current
IFRM
450
Non-repetitive peak forward current (per crystal)
t = 1nS
t = 1mS
t = s
IFSM
IFSM
IFSM
4
1
0.5
A
Storage temperature range
Tstg
-55 to +150
°C
Junction temperature
Tj
maximum
150
Thermal Resistance
Description
Symbol
Values
Unit
From junction to ambient Tj = 25 °C unless otherwise
specified
Rth (j-a)
=
500
K/W
Forward voltage
IF = 1 mA
IF = 10 mA
IF = 50 mA
IF = 150 mA
VF
VF
VF
VF
<
<
<
<
715
855
1000
1250
mV
Reverse current
VR = 25V; Tj= 150°C
VR = 70V
VR = 70V; Tj= 150°C
IR
IR
IR
<
<
<
60
2.5
100
mA
Diode capacitance
VR = 0; f = 1MHz
Cd
<
1.5
pF
Forward recovery voltage when switched to
IF = 10mA, tr = 20ns
Vfr
<
1.75
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com