Electronic Components Datasheet Search
  English  ▼

X  

DMN3024SFG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3024SFG
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3024SFG Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3024SFG Datasheet HTML 1Page - Diodes Incorporated DMN3024SFG Datasheet HTML 2Page - Diodes Incorporated DMN3024SFG Datasheet HTML 3Page - Diodes Incorporated DMN3024SFG Datasheet HTML 4Page - Diodes Incorporated DMN3024SFG Datasheet HTML 5Page - Diodes Incorporated DMN3024SFG Datasheet HTML 6Page - Diodes Incorporated DMN3024SFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMN3024SFG
Document number: DS35439 Rev. 3 - 2
2 of 7
www.diodes.com
May 2012
© Diodes Incorporated
DMN3024SFG
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = 25°C
TA = 70°C
ID
7.5
6.0
A
t<10s
TA = 25°C
TA = 70°C
ID
10.5
8.5
A
Continuous Drain Current (Note 6) VGS = 4.5V
Steady
State
TA = 25°C
TA = 70°C
ID
6.3
5.0
A
t<10s
TA = 25°C
TA = 70°C
ID
8.5
7.6
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
60
A
Avalanche Current (Note 7)
IAS
9
A
Repetitive Avalanche Energy (Note 7)
EAS
12
mJ
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = 25°C
PD
0.9
W
TA = 70°C
0.5
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
145
°C/W
t<10s
74
Total Power Dissipation (Note 6)
TA = 25°C
PD
2.2
W
TA = 70°C
1.4
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RθJA
58
°C/W
t<10s
31
Thermal Resistance, Junction to Case (Note 6)
RθJC
11
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7 .UIS in production with L = 0.3mH, TJ = 25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com