Electronic Components Datasheet Search
  English  ▼

X  

TLHY620 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLHY620
Description  High Efficiency LED, 5 mm Tinted Non-Diffused Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHY620 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHY620 Datasheet HTML 1Page - Vishay Siliconix TLHY620 Datasheet HTML 2Page - Vishay Siliconix TLHY620 Datasheet HTML 3Page - Vishay Siliconix TLHY620 Datasheet HTML 4Page - Vishay Siliconix TLHY620 Datasheet HTML 5Page - Vishay Siliconix TLHY620 Datasheet HTML 6Page - Vishay Siliconix TLHY620 Datasheet HTML 7Page - Vishay Siliconix TLHY620 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLHR620., TLHY620., TLHG620.
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 25-Jul-13
1
Document Number: 83218
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
DESCRIPTION
The
TLH.620.
series
was
developed
for
standard
applications like general indicating and lighting purposes.
It is housed in a 5 mm tinted non-diffused plastic package.
The small viewing angle of these devices provides a high
brightness.
Several selection types with different luminous intensities
are offered. All LEDs are categorized in luminous intensity
groups. The green and yellow LEDs are categorized
additionally in wavelength groups.
That allows users to assemble LEDs with uniform
appearance.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
•Package: 5 mm
• Product series: standard
• Angle of half intensity: ± 14°
FEATRUES
• Choice of three bright colors
• Standard T-1¾ package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Small viewing angle
• Luminous intensity categorized
• Yellow and green color categorized
• TLH.620. without stand-offs
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Status lights
• Off/on indicator
• Background illumination
• Readout lights
• Maintenance lights
•Legend light
19224
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP. MAX.
MIN.
TYP.
MAX.
TLHR6200-CS12
Red
10
50
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR6200-CS12Z
Red
10
50
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR6205
Red
25
70
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHY6200-CS12
Yellow
10
50
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY6200-CS12Z
Yellow
10
50
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHG6200
Green
16
40
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG6200-CS12
Green
16
40
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG6200-CS12Z
Green
16
40
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP


Similar Part No. - TLHY620

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHY620 VISHAY-TLHY620 Datasheet
193Kb / 8P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
20-Sep-2021
More results

Similar Description - TLHY620

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR52 VISHAY-TLHR52 Datasheet
130Kb / 9P
High Efficiency LED, 5 mm Tinted Non-Diffused Package
04-Feb-99
TLHR54 VISHAY-TLHR54 Datasheet
129Kb / 9P
High Efficiency LED in 5 mm Tinted Diffused Package
04-Feb-99
TLHY5405 VISHAY-TLHY5405 Datasheet
250Kb / 8P
High Efficiency LED in 5 mm Tinted Diffused Package
31-Aug-04
TLHG5205 VISHAY-TLHG5205 Datasheet
248Kb / 8P
High Efficiency LED, 5 mm Tinted Non-Diffused Package
31-Aug-04
TLHG520 VISHAY-TLHG520 Datasheet
190Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
03-Jun-09
TLHG520 VISHAY-TLHG520_V01 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
08-Nov-2021
TLHG540 VISHAY-TLHG540_V01 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHG620 VISHAY-TLHG620_V01 Datasheet
193Kb / 8P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
20-Sep-2021
TLHR5200 VISHAY-TLHR5200 Datasheet
112Kb / 5P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
06-May-2022
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
30-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com