Electronic Components Datasheet Search
  English  ▼

X  

TLP712 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLP712
Description  State of the art protection for every application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP712 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLP712 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP712 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP712 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP712 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Protect It! Surge Suppressor
State of the art protection for every application
Model #: TLP712
7 outlets / 12-ft. cord
1000 joule rating
DESCRIPTION
Tripp Lite's TLP712 surge suppressor offers economical AC surge suppression for protection of workstations, desktop PCs, telecom systems
and other sensitive electronics. AC surge suppression shields connected equipment from damage and performance problems due to transient
surges. TLP712 offers 7 total outlets, 12 foot cord and diagnostic LEDs to warn of wiring problems and suppressor damage. AC suppression
rated at 1000 joules shields equipment from surges and line noise. Attractive white suppressor housing with keyhole mounting tabs and 1
designated transformer plug outlet offer convenient protection of desktop computer equipment and accessories. Lifetime warranty with
Ultimate Lifetime Insurance (USA & Canada Only).`
PLUG / OUTLETS: Input: NEMA5-15P / Output: 7 NEMA5-15R / 12 ft. AC line cord
ELECTRICAL: 120V AC, 50/60Hz, 15A (Requires NEMA5-15R wall receptacle)
FORMAT: Corded multi-outlet strip with 1 transformer spaced outlet
SUPPRESSION: AC: 150V RMS Clamping / 1000 joules / 330V UL1449 Let-through Rating
KEY BUYING POINTS
1000 joules AC surge suppression shields equipment from the strongest surges and line noise
7 AC outlets with 1 transformer plug outlet that doesn't block remaining outlets
12 foot AC line cable conveniently reaches distant outlets
Built-in power switch with integrated 15 amp circuit breaker offers power control and overload protection over all outlets
Fail-safe thermal fusing protects against fire and other damage in the event of an extreme, extended overvoltage or surge condition
Diagnostic LEDs confirm outlet grounding and surge suppression status
Attractive white suppressor housing with keyhole mounting tabs allow versatile placement options
UL1449 Rated (330V all modes), UL1363 (Power Tap), cUL (Canada)
Exceeds IEEE 587 category A & B surge suppression specifications
Lifetime warranty withltimate Lifetime connected equipment Insurance (USA & Canada Only)
TYPICAL APPLICATIONS
Ideal for any desktop, network or home computing application requiring AC protection
PACKAGE INCLUDES
TLP712 Surge Suppressor
Instruction manual and warranty information
COMPLETE SPECIFICATIONS


Similar Part No. - TLP712

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP712B ETC2-TLP712B Datasheet
480Kb / 4P
7 outlet, 12-ft cord, 1080 joule, black strip - Protect It! Surge Suppressor
More results

Similar Description - TLP712

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER53E STMICROELECTRONICS-VIPER53E Datasheet
392Kb / 1P
STATE OF THE ART PRIMARY SIDE SWITCH FOR AC/DC CONVERTERS
logo
List of Unclassifed Man...
TRR2A12F ETC1-TRR2A12F Datasheet
159Kb / 2P
Miniature, cost-efective switching solution,,state of the art capsule designs
logo
Omron Electronics LLC
G6SU-2F-DC3 OMRON-G6SU-2F-DC3 Datasheet
135Kb / 2P
State-of-the-Art SMT Design Industry Standard
logo
LUMEX INC.
SSL-LX5093YD LUMEX-SSL-LX5093YD Datasheet
99Kb / 3P
State-of-the-Art, High Brightness Chip Technology
logo
List of Unclassifed Man...
TR-6 ETC2-TR-6 Datasheet
498Kb / 4P
6 outlet, 6-ft cord, 2420 joule Surge Suppressor - State of the art protection for every application
TR-6FM ETC2-TR-6FM Datasheet
496Kb / 5P
6 outlet, 6-ft cord, 3040 joules, Modem/Fax protection Surge Suppressor - State of the art protection for every application
S6-DLX ETC2-S6-DLX Datasheet
484Kb / 3P
Surge Suppressor- State of the art protection for every application
logo
Alpha & Omega Semicondu...
AOZ5166QI-01PR AOSMD-AOZ5166QI-01PR Datasheet
60Kb / 2P
Versatile synchronous buck power stage feature state-of-the-art technology
logo
List of Unclassifed Man...
EVALU8R ETC2-EVALU8R Datasheet
501Kb / 26P
State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
logo
STMicroelectronics
STSAFE-A110 STMICROELECTRONICS-STSAFE-A110 Datasheet
619Kb / 36P
Authentication, state-of-the-art security for peripherals and IoT devices
19-Dec-2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com