Electronic Components Datasheet Search
  English  ▼

X  

TSOP752 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSOP752
Description  IR Receiver Modules for Remote Control Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP752 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSOP752 Datasheet HTML 1Page - Vishay Siliconix TSOP752 Datasheet HTML 2Page - Vishay Siliconix TSOP752 Datasheet HTML 3Page - Vishay Siliconix TSOP752 Datasheet HTML 4Page - Vishay Siliconix TSOP752 Datasheet HTML 5Page - Vishay Siliconix TSOP752 Datasheet HTML 6Page - Vishay Siliconix TSOP752 Datasheet HTML 7Page - Vishay Siliconix TSOP752 Datasheet HTML 8Page - Vishay Siliconix TSOP752 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Not for New Design - Replaced by New TSOP752.., TSOP754.. (#82494)
TSOP752.., TSOP754..
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 16-Aug-12
3
Document Number: 81806
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Output Function
Fig. 4 - Output Pulse Diagram
Fig. 5 - Frequency Dependence of Responsivity
Fig. 6 - Sensitivity in Bright Ambient
Fig. 7 - Sensitivity vs. Supply Voltage Disturbances
Fig. 8 - Sensitivity vs. Electric Field Disturbances
E e
t
VO
VOH
VOL
t
600 µs
600 µs
t = 60 ms
t on
t off
94 8134
Optical Test Signal
Output Signal, (see fig. 4)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.1
1
10
100
1000
10 000
Ee - Irradiance (mW/m
2)
20759
λ = 950 nm,
Optical Test Signal, Fig. 3
T
on
T
off
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.7
0.9
1.1
1.3
f/f0 - Relative Frequency
16925
f = f
0 ± 5 %
Δ f(3 dB) = f
0/10
0
0.5
1
1.5
2
2.5
3
3.5
4
0.01
0.1
1
10
100
Ee - Ambient DC Irradiance (W/m
2)
Correlation with Ambient Light Sources:
10 W/m
2 = 1.4 kLx (Std. illum. A, T = 2855 K)
10 W/m
2 = 8.2 kLx (Daylight, T = 5900 K)
Wavelength of Ambient
Illumination:
λ = 950 nm
20757
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
10
100
1000
VsRMS - AC Voltage on DC Supply Voltage (mV)
20753
f = fo
f = 20 kHz
f = 30 kHz
f = 100 Hz
f = 10 kHz
0
50
100
150
200
250
300
350
400
450
500
0
500
1000
1500
2000
2500
3000
f - EMI Frequency (MHz)
20747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com