Electronic Components Datasheet Search
  English  ▼

X  

CJD176 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CJD176
Description  EPITAXIAL SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJD176 Datasheet(HTML) 1 Page - Continental Device India Limited

  CJD176 Datasheet HTML 1Page - Continental Device India Limited CJD176 Datasheet HTML 2Page - Continental Device India Limited CJD176 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EPITAXIAL SILICON POWER TRANSISTORS
CJD175
CJD176
CJD177
CJD178
CJD179
CJD180
NPN
PNP
DPAK (TO-252)
Plastic Package
Intended for use in Medium Power Linear Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
CJD175
CJD177
UNIT
CJD176
CJD178
Collector -Emitter Voltage
VCEO
45
60
V
Collector -Base Voltage
VCBO
45
60
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
3.0
A
Collector Peak Current
ICM
7.0
A
Power Dissipation @ Ta=25ºC
PD
1.25
W
Derate above 25ºC
10
mW/ºC
Power Dissipation @ Tc=25ºC
PD
30
W
Operating and Storage Junction
Temperature Range
Tj, Tstg
- 65 to +150
ºC
THERMAL CHARACTERISTICS
Junction to Ambient in free air
Rth (j-a)
ºC/W
Junction to Case
Rth (j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector Cut off Current
ICBO
VCB=45V, IE=0
CJD175/76
100
µA
VCB=60V, IE=0
CJD177/78
100
µA
VCB=80V, IE=0
CJD179/80
100
µA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
1.0
mA
Collector Emitter Sustaining Voltage
*VCEO (sus)
IC=100mA, IB=0
CJD175/76
45
V
CJD177/78
60
V
CJD179/80
80
V
Collector Emitter Saturation Voltage
*VCE (sat)
IC=1A, IB=0.1A
0.8
V
Base Emitter on Voltage
*VBE (on)
IC=1A, VCE=2V
1.3
V
DC Current Gain
*hFE
IC=150mA, VCE=2V
40
IC=1A, VCE=2V
15
*hFE Group
IC=150mA, VCE=2V
- 6
40
100
- 10
63
160
Only CJD175/76/79
- 16
100
250
Transition Frequency
fT
IC=250mA, VCE=10V
3.0
ΜΗz
*Pulse test:- Pulse width=300
µµs, Duty cycle=1.5%
CJD175_180Rev110106E
100
4.16
CJD179
80
80
CJD180
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CJD176

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJD110 CDIL-CJD110 Datasheet
105Kb / 6P
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110NPN CDIL-CJD110NPN Datasheet
105Kb / 6P
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
logo
ZP Semiconductor
CJD1117-1.5 ZPSEMI-CJD1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJD1117-1.5 ZPSEMI-CJD1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJD1117-1.5 ZPSEMI-CJD1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - CJD176

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BD175 TEL-BD175 Datasheet
68Kb / 2P
EPITAXIAL SILICON POWER TRANSISTORS
BD433 TEL-BD433 Datasheet
70Kb / 3P
EPITAXIAL SILICON POWER TRANSISTORS
logo
Continental Device Indi...
MJE13002 CDIL-MJE13002 Datasheet
153Kb / 4P
NPN EPITAXIAL SILICON POWER TRANSISTORS
MJE15032 CDIL-MJE15032 Datasheet
286Kb / 3P
SILICON EPITAXIAL POWER TRANSISTORS
BD433 CDIL-BD433 Datasheet
136Kb / 4P
EPITAXIAL SILICON POWER TRANSISTORS
BD233 CDIL-BD233 Datasheet
492Kb / 4P
EPITAXIAL SILICON POWER TRANSISTORS
BD175 CDIL-BD175 Datasheet
222Kb / 3P
EPITAXIAL SILICON POWER TRANSISTORS
BD136 CDIL-BD136 Datasheet
180Kb / 4P
EPITAXIAL SILICON POWER TRANSISTORS
BD131 CDIL-BD131 Datasheet
147Kb / 3P
SILICON EPITAXIAL POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD131 NJSEMI-BD131 Datasheet
74Kb / 2P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com