Electronic Components Datasheet Search
  English  ▼

X  

CFD2374 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CFD2374
Description  NPN SILICON PLANAR POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CFD2374 Datasheet(HTML) 1 Page - Continental Device India Limited

  CFD2374 Datasheet HTML 1Page - Continental Device India Limited CFD2374 Datasheet HTML 2Page - Continental Device India Limited CFD2374 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR POWER TRANSISTOR
CFD2374, CFD2374A
TO-220FP Fully Isolated
Plastic Package
Complementary CFB1548, CFB1548A
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Collector Base Voltage
VCBO
Collector Emitter Voltage
VCEO
Emitter Base Voltage
VEBO
RMS Isolation Voltage (for 1sec, R.H.
** VISOL (a)
<30%, Ta = 25
oC)
(b)
Collector Current Peak
ICP
Collector Current
IC
Collector Power Dissipation @Tc=25
oC
PC
@Ta=25
oC
Junction Temperature
Tj
Storage Temperature Range
Tstg
** RMS Isolation Voltage: (a) 3500 VRMS with Package in Clip Mounting Position (b) 1500 VRMS with Package
in Screw Mounting Position (for 1sec, R.H.<30%, Ta=25
oC; Pulse Test: Pulse Width <300
µµs, Duty Cycle<2%)
ELECTRICAL CHARACTERISTICS (TC=25ºC unless otherwise specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut Off Current
ICES
VCE =60V, VBE=0 CFD2374
200
µA
VCE =80V, VBE=0 CFD2374A
200
µA
Collector Cut Off Current
ICEO
VCE =30V, IB=0
CFD2374
300
µA
VCE =60V, IB=0
CFD2374A
300
µA
Emitter Cut Off Current
IEBO
VEB =6V, IC =0
1.0
mA
Collector Emitter Voltage
VCEO
IC=30mA, IB=0
CFD2374
60
V
CFD2374A
80
V
DC Current Gain
hFE*
VCE =4V, IC =1A
70
250
hFE
VCE =4V, IC =3A
10
Collector Emitter Saturation Voltage
VCE(sat)
IC =3A, IB =0.375A
1.2
V
Base Emitter On Voltage
VBE(on)
VCE =4V, IC =3A
1.8
V
Transition Frequency
fT
VCE =10V, IC = 0.5A,
30
MHz
f=10MHz
Turn On Time
ton
0.5
µs
Storage Time
tstg
2.5
µs
Fall Time
tf
0.4
µs
hFE* Classification
Q : 70 - 150
P : 120 - 250
- 55 to +150
ºC
IC=1A, IB1=0.1A, IB2= - 0.1A,
VCC=50V
150
5
60
80
60
80
6
3500
2
ºC
V
VRMS
VRMS
A
W
A
CFD2374
CFD2374A
W
UNIT
V
V
1500
3
25
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CFD2374

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CFD2375 CDIL-CFD2375 Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
CFD2375P CDIL-CFD2375P Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
CFD2375Q CDIL-CFD2375Q Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
More results

Similar Description - CFD2374

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CFC2026 CDIL-CFC2026 Datasheet
100Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
CFD1499 CDIL-CFD1499 Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3772 TEL-2N3772 Datasheet
69Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
2N3773 TEL-2N3773 Datasheet
68Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
BD707 TEL-BD707 Datasheet
159Kb / 2P
NPN SILICON PLANAR POWER TRANSISTOR
logo
Continental Device Indi...
BU508AT CDIL-BU508AT Datasheet
98Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
2N3773 CDIL-2N3773 Datasheet
219Kb / 4P
NPN SILICON PLANAR POWER TRANSISTOR
2N3772 CDIL-2N3772 Datasheet
144Kb / 4P
NPN SILICON PLANAR POWER TRANSISTOR
BU208A CDIL-BU208A Datasheet
119Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
BD707 CDIL-BD707 Datasheet
194Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com