Electronic Components Datasheet Search
  English  ▼

X  

PBL386502SHT Datasheet(PDF) 12 Page - Ericsson

Part # PBL386502SHT
Description  Subscriber Line Interface Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386502SHT Datasheet(HTML) 12 Page - Ericsson

Back Button PBL386502SHT Datasheet HTML 8Page - Ericsson PBL386502SHT Datasheet HTML 9Page - Ericsson PBL386502SHT Datasheet HTML 10Page - Ericsson PBL386502SHT Datasheet HTML 11Page - Ericsson PBL386502SHT Datasheet HTML 12Page - Ericsson PBL386502SHT Datasheet HTML 13Page - Ericsson PBL386502SHT Datasheet HTML 14Page - Ericsson PBL386502SHT Datasheet HTML 15Page - Ericsson PBL386502SHT Datasheet HTML 16Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
PBL 386 50/2
12
receive output via the resistor R
RX, is dc
biased with +1.25V. This makes it
possible to compensate for currents
floating due to dc voltage differences
between RSN and the CODEC output
without using any capacitors. This is
done by connecting a resistor R
R be-
tween the RSN terminal and ground.
With current directions defined as in
figure 14, current summation gives:
where V
CODEC is the reference voltage of
the CODEC at the receive output.
From this equation the resistor R
R can be
calculated as
For values on I
RSN, see table 3.
The resistor R
R has no influence on the
ac transmission.
SLIC
I
RSN [µA]
PBL 386 50/2
-155
Table 3. The SLIC internal bias current
with the direction of the current defined
as positive when floating into the terminal
RSN.
Programmable overhead voltage(POV)
With the POV function the overhead
voltage can be increased.
If the POV pin is left open the overhead
voltage is internally set to 3.2 V
Peak in off-
The current limit (reference C in figure
13) is adjusted by connecting a resistor,
R
LC, between terminal PLC and ground
according to the equation:
R
LC =
1000
I
LProg + 4
where R
LC is in kΩ for ILProg in mA.
A second, lower battery voltage may be
connected to the device at terminal
VBAT2 to reduce short loop power
dissipation. The SLIC automatically
switches between the two battery supply
voltages without need for external
control. The silent battery switching
occurs when the line voltage passes the
value |VB2| - 40·I
L - (VOHVirt -1.3),
if I
L > 6 mA.
For correct functionality it is important
to connect the terminal VBAT2 to the
second power supply via the diode D
VB2
in figure 12.
An optional diode D
BB connected
between terminal VB and the VB2 power
supply, see figure 12, will make sure that
the SLIC continues to work on the
second battery even if the first battery
voltage disappears.
If a second battery voltage is not used,
VBAT2 is connected to VBAT on the
SLIC and C
VB2, DBB and DVB2 are removed.
Metering applications
For designs with metering applications
please contact Ericsson Microelectronics
for assistance.
CODEC Receive Interface
The PBL 386 50/2 SLIC have got a
completely new receive interface at the
four wire side which makes it possible to
reduce the number of capacitors in the
applications and to fit both single and
dual battery feed CODECs. The RSN
terminal, connecting to the CODEC
−=
+
+
=
+
−
+
II
II
R
V
RR
RSN
RT
RRX
RR
T
CODEC
RX
R
1 25
125
125
,,
,
R
I
R
V
R
R
RSN
T
CODEC
RX
=
−−
−
−
125
125
125
,
,
,
Battery Feed
The PBL 386 50/2 SLIC emulate
resistive loop feed, programmable
between 2·50
Ω and 2·900 Ω, with
adjustable current limitation. In the
current limited region the loop current
has a slight slope corresponding to
2·30 k
Ω, see figure 13 reference B.
The open loop voltage measured
between the TIPX and RINGX terminals
is tracking the battery voltage V
Bat. The
signalling headroom, or overhead voltage
V
TRO, is programmable with a resistor ROV
connected between terminal POV on the
SLIC and ground. Please refer to section
“Programmable overhead voltage(POV)”.
The battery voltage overhead, V
OH,
depends on the programmed signal
overhead voltage V
TRO. VOH defines the
TIP to RING voltage at open loop
conditions according to V
TR(at IL = 0 mA)
= |V
Bat| - VOH.
Refer to table 2 for typical values on
V
OH and VOHVirt. The overhead voltage is
changed when the line current is ap-
proaching open loop conditions. To
ensure maximum open loop voltage,
even with a leaking telephone line, this
occurs at a line current of approximately
6 mA. When the overhead voltage has
changed, the line voltage is kept nearly
constant with a steep slope correspond-
ing to 2·25
Ω(reference G in figure 13).
The virtual battery overhead, V
OHVirt, is
defined as the difference between the
battery voltage and the crossing point of
all possible resistive feeding slopes, see
figure 13 reference J. The virtual battery
overhead is a theoretical constant
needed to be able to calculate the
feeding characteristics.
SLIC
V
OH(typ)
V
OHVirt(typ)
[V]
[V]
PBL 386 50/2 3.0 +V
TRO
4.9 +V
TRO
Table 2. Battery overhead.
The resistive loop feed (reference D in
figure 13) is programmed by connecting
a resistor, R
SG, between terminals PSG
and VBAT according to the equation:
R
Feed =
R
SG + 2·10
4
+ 2R
F
200
where R
Feed is in Ω for RSG and RF in Ω.
0
10203040
50
60
0
1
2
3
4
5
6
7
8
9
10
11
12
off-hook
on-hook
Rov (KΩ)
Figure 11. Programmable overhead voltage (POV). R
L = 600 Ω or ∞.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com