Electronic Components Datasheet Search
  English  ▼

X  

PBL386502SOS Datasheet(PDF) 13 Page - Ericsson

Part # PBL386502SOS
Description  Subscriber Line Interface Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386502SOS Datasheet(HTML) 13 Page - Ericsson

Back Button PBL386502SOS Datasheet HTML 8Page - Ericsson PBL386502SOS Datasheet HTML 9Page - Ericsson PBL386502SOS Datasheet HTML 10Page - Ericsson PBL386502SOS Datasheet HTML 11Page - Ericsson PBL386502SOS Datasheet HTML 12Page - Ericsson PBL386502SOS Datasheet HTML 13Page - Ericsson PBL386502SOS Datasheet HTML 14Page - Ericsson PBL386502SOS Datasheet HTML 15Page - Ericsson PBL386502SOS Datasheet HTML 16Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PBL 386 50/2
13
Figure 12. Single-channel subscriber line interface with PBL 386 50/2 and combination CODEC/filter.
RESISTORS: (Values according to IEC E96 series)
R
SG
= 0
Ω
1% 1/10 W
R
LD
= 49.9 k
Ω
1% 1/10 W
R
OV
= User programmable
R
LC
= 32.4 k
Ω
1% 1/10 W
R
REF
= 49.9 k
Ω
1% 1/10 W
R
R
= 11.5 k
Ω
1% 1/10 W
R
T
= 52.3 k
Ω
1% 1/10 W
R
TX
= 32.4 k
Ω
1% 1/10 W
R
B
= 57.6 k
Ω
1% 1/10 W
R
RX
= 52.3 k
Ω
1% 1/10 W
R
FB
Depending on CODEC / filter
R
1
= 604 k
Ω
1% 1/10 W
R
2
= 604 k
Ω
1% 1/10 W
R
3
= 249 k
Ω
1% 1/10 W
R
4
= 280 k
Ω
1% 1/10 W
R
RT
= 330
Ω
5% 2 W
R
P1, RP2
≥ 10 Ω
1% 1/10 W (Note 1)
R
F1, RF2
= Line resistor, 40
Ω 1% match
CAPACITORS: (Values according to IEC E96 series)
C
VB
= 100 nF
100 V 10%
C
VB2
= 150 nF
100 V 10%
C
VCC
= 100 nF
10 V 10%
C
TC
= 2.2 nF
100 V 10%
C
RC
= 2.2 nF
100 V 10%
C
HP
= 47 nF
100 V 10%
C
LP
= 150 nF
100 V 10%
C
TX
= 68 nF
10 V 10%
C
GG
= 220 nF
100 V 10%
C
1
= 330 nF
63 V 10%
C
2
= 330 nF
63 V 10%
DIODES:
D
VB
= 1N4448
D
VB2
= 1N4448
D
BB
= 1N4448
DHP
= 1N4448 (Note 2)
OVP:
Secondary protection ( e.g. Power
Innovations TISPPBL2). The ground
terminals of the secondary protection should
be connected to the common ground on the
Printed Board Assembly with a track as
short and wide as possible, preferable a
groundplane.
hook and 1.3 V
Peak on-hook. If a resistor
R
OV is connected between the POV pin
and AGND, the overhead voltage can be
set to higher values, typical values can
be seen in figure 11. The R
OV and
corresponding V
TRO (signal headroom)
are typical values for THD <1% and the
signal frequency 1000Hz.
Observe that the 4-wire output terminal
V
TX can not handle more than 3.2 VPeak. So
if the gain 2-wire to 4-wire is -6.02dB,
6.4 V
Peak is maximum also for the 2-wire
side. Signal levels between 6.4 and
12.8 V
Peak on the 2-wire side can be han-
dled with the PTG shorted so that the gain
G
2-4S become -12.04dB. Please note that
the 2-wire impedance, R
R and the 4-wire to
4-wire gain has to be recalculated if the
PTG is shorted.
Please note that the maximum signal
current at the 2-wire side can not be
greater than 29 mA.
How to use POV:
1. Decide what overhead voltage(V
TRO) is
needed. The POV function is only
needed if the overhead voltage exceeds
3.2 V
Peak
2. In figure 11 the corresponding R
OV for
the decided V
TRO can be found.
3. If the overhead voltage exceeds
6.4 V
Peak , the G2-4S
gain has to be
changed to -12.04dB by connecting
the PTG pin to AGND. Please note
that the two-wire impedance, R
R and
the 4-wire to 4-wire gain has to be
recalculated.
Analog Temperature Guard
The widely varying environmental
conditions in which SLICs operate may
lead to the chip temperature limitations
being exceeded. The PBL 386 50/2 SLIC
reduce the dc line current when the chip
temperature reaches approximately
145
°C and increases it again automati-
cally when the temperature drops.
Accordingly transmission is not lost
under high ambient temperature condi-
tions.
The detector output, DET, is forced to a
logic low level when the temperature
guard is active.
R
LC
R
RX
R
REF
R
LD
C
VCC
C
TX
PBL 386 50/2
R
TX
0
-
+
0
CODEC/
Filter
R
FB
SYSTEM CONTROL
INTERFACE
R
R
R
T
R
B
-
+
VCC
VCC
BGND
TIPX
VBAT
VBAT2
PLC
POV
PLD
VCC
PSG
NC
LP
DT
NC
DET
C1
C2
RRLY
HP
NC
RINGX
AGND
RSN
NC
REF
PTG
VTX
DR
C3
PBL 386 50/2
R
OV
R
SG
C
LP
C
1
R
4
C
2
R
3
C
HP
VB2
SLIC No. 2 etc.
C
RC
R
P2
R
P1
R
F2
R
F1
TIP
RING
OVP
C
GG
C
TC
VB
+12 V /+5V
K
R
C
VB
D
VB2
C
VB2
D
BB
VB
D
VB
R
RT
E
RG
R
2
R
1
D
HP
NOTES:
1. R
P1 and RP2 may be omitted if DVB is in
place.
2. It is required to connect D
HP between
terminal HP and ground if C
HP >47nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com