Electronic Components Datasheet Search
  English  ▼

X  

STGIPS14K60T Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGIPS14K60T
Description  SLLIMM (small low-loss intelligent molded module) IPM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS14K60T Datasheet(HTML) 1 Page - STMicroelectronics

  STGIPS14K60T Datasheet HTML 1Page - STMicroelectronics STGIPS14K60T Datasheet HTML 2Page - STMicroelectronics STGIPS14K60T Datasheet HTML 3Page - STMicroelectronics STGIPS14K60T Datasheet HTML 4Page - STMicroelectronics STGIPS14K60T Datasheet HTML 5Page - STMicroelectronics STGIPS14K60T Datasheet HTML 6Page - STMicroelectronics STGIPS14K60T Datasheet HTML 7Page - STMicroelectronics STGIPS14K60T Datasheet HTML 8Page - STMicroelectronics STGIPS14K60T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
This is information on a product in full production.
May 2013
DocID018534 Rev 4
1/20
20
STGIPS14K60T
SLLIMM™ (small low-loss intelligent molded module) IPM,
3-phase inverter - 14 A, 600 V short-circuit rugged IGBT
Datasheet
- production data
Features
 IPM 14 A, 600 V 3-phase IGBT inverter bridge
including control ICs for gate driving and free-
wheeling diodes
 Short-circuit rugged IGBTs
 V
CE(sat) negative temperature coefficient
 3.3 V, 5 V, 15 V CMOS/TTL inputs
comparators with hysteresis and pull down /
pull up resistors
 Undervoltage lockout
 Internal bootstrap diode
 Interlocking function
 Shut down function
 DBC substrate leading to low thermal
resistance
 Isolation rating of 2500 Vrms/min
 4.7 k NTC for temperature control
 UL Recognized: UL1557 file E81734
Applications
 3-phase inverters for motor drives
 Home appliances, such as washing machines,
refrigerators, air conditioners and sewing
machines
Description
This intelligent power module provides a
compact, high performance AC motor drive in a
simple, rugged design. Combining ST proprietary
control ICs with the most advanced short-circuit-
rugged IGBT system technology, this device is
ideal for 3-phase inverters in applications such as
home appliances and air conditioners. SLLIMM™
is a trademark of STMicroelectronics.
SDIP-25L
Table 1. Device summary
Order code
Marking
Package
Packaging
STGIPS14K60T
GIPS14K60T
SDIP-25L
Tube
www.st.com


Similar Part No. - STGIPS14K60T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS14K60T-H STMICROELECTRONICS-STGIPS14K60T-H Datasheet
678Kb / 19P
Undervoltage lockout
15-Apr-2015
More results

Similar Description - STGIPS14K60T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPN3H60 STMICROELECTRONICS-STGIPN3H60 Datasheet
550Kb / 21P
SLLIMM??nano (small low-loss intelligent molded module)IPM
02-May-2012
STGIPN3H60A STMICROELECTRONICS-STGIPN3H60A Datasheet
447Kb / 17P
SLLIMM??nano (small low-loss intelligent molded module) IPM
02-May-2012
STGIPS10K60T STMICROELECTRONICS-STGIPS10K60T Datasheet
934Kb / 20P
SLLIMM (small low-loss intelligent molded module) IPM, 3-phase inverter - 10 A, 600 V short-circuit rugged IGBT
30-Apr-2013
STGIPS30C60-H STMICROELECTRONICS-STGIPS30C60-H Datasheet
1Mb / 21P
SLLIMM small low-loss intelligent molded module IPM 3-phase inverter - 30 A
12-Jul-2013
STGIPS30C60 STMICROELECTRONICS-STGIPS30C60 Datasheet
1Mb / 21P
SLLIMM small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
12-Jul-2013
STGIPL20K60 STMICROELECTRONICS-STGIPL20K60 Datasheet
705Kb / 24P
SLLIMM??(small low-loss intelligent molded module) IPM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
17-Jun-2013
STGIPN3H60AT STMICROELECTRONICS-STGIPN3H60AT Datasheet
497Kb / 19P
SLLIMM™nano (small low-loss intelligent molded module) IPM, 3 A - 600 V 3-phase IGBT inverter bridge
30-Sep-2014
STGIPS30C60T-H STMICROELECTRONICS-STGIPS30C60T-H Datasheet
712Kb / 19P
SLLIMM™ small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
10-Apr-2015
STGIPL14K60 STMICROELECTRONICS-STGIPL14K60_V01 Datasheet
883Kb / 26P
SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
17-Oct-2013
STGIPL30C60 STMICROELECTRONICS-STGIPL30C60 Datasheet
742Kb / 23P
SLLIMM™ (small low-loss intelligent molded module) IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBT
12-Apr-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com