Electronic Components Datasheet Search
  English  ▼

X  

P15VG Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P15VG
Description  PMNW-SERIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P15VG Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P15VG Datasheet HTML 1Page - PEAK electronics GmbH P15VG Datasheet HTML 2Page - PEAK electronics GmbH P15VG Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PMNW-Series – P15VG-xxxxE/Z 4:1LF – Single and Dual Output – 1”x1” - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/3
P15VG-xxxxE/Z4:1LF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
4:1 Wide Input (see table)
Input Filter
Pi-Type
Output Specifications
Voltage Accuracy
± 1%, max.
Short Circuit Protection
Indefinite (hiccup, automatic recovery)
Output Voltage Adjustable (trim)
± 10%, max. (only single output)
Cross Regulation
1
(dual output)
± 5%
Line Regulation
± 0.2%, max.
Load Regulation (0% - 100%)
± 0.5%, max. (single) ± 1%, max. (dual)
Ripple and Noise (20Mhz bandwidth)
100 mV pk-pk, max.
Transient Recovery
2
250 us, typ.
Transient Response Deviation
2
± 3%, max.
Temperature Coefficient
± 0.02% / °C, max.
General Specifications
Efficiency
See Table
I/O Isolation Voltage (3 sec.)
1600 VDC
I/O Isolation Resistance
1000 MOhm, min.
Switching Frequency
375 kHz, typ.
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 560 khrs
Physical Specifications
Case Material
Nickel Coated Copper
Weight
~ 18 g, typ.
Environment Specifications
Operating Temperature
-40 to +66°C (for 100%)
Maximum Case Temperature
105°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection (10 mm distance required)
RoHS Conform
Soldering 260°C, max. (1.5mm from case 10s.)
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PMNW series is a family of high performance 15W single & dual output
DC-DC converters. These are encapsulated in nickel coated copper 1” x 1”
case with non conductive base.
PMNW-SERIES
15 Watt
4:1 Wide Input
1” x 1” Case
1.6 kV DC I/O Isolation
Reg. Single and Dual Output
Remote ON/OFF Control
Continuous Short Circuit Prot.
Rev.08-2009


Similar Part No. - P15VG

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P15VG-1205E2:1LF PEAK-P15VG-1205E2:1LF Datasheet
154Kb / 4P
1.6 kV DC I/O Isolation
P15VG-1205Z2:1LF PEAK-P15VG-1205Z2:1LF Datasheet
154Kb / 4P
1.6 kV DC I/O Isolation
P15VG-1212E2:1LF PEAK-P15VG-1212E2:1LF Datasheet
154Kb / 4P
1.6 kV DC I/O Isolation
P15VG-1212Z2:1LF PEAK-P15VG-1212Z2:1LF Datasheet
154Kb / 4P
1.6 kV DC I/O Isolation
P15VG-1215E2:1LF PEAK-P15VG-1215E2:1LF Datasheet
154Kb / 4P
1.6 kV DC I/O Isolation
More results

Similar Description - P15VG

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com